Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 278 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 278 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 274Page - Renesas Technology Corp H8S2245 Datasheet HTML 275Page - Renesas Technology Corp H8S2245 Datasheet HTML 276Page - Renesas Technology Corp H8S2245 Datasheet HTML 277Page - Renesas Technology Corp H8S2245 Datasheet HTML 278Page - Renesas Technology Corp H8S2245 Datasheet HTML 279Page - Renesas Technology Corp H8S2245 Datasheet HTML 280Page - Renesas Technology Corp H8S2245 Datasheet HTML 281Page - Renesas Technology Corp H8S2245 Datasheet HTML 282Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 236 of 772
REJ09B0355-0300
8.6
Port 5
8.6.1
Overview
Port 5 is a 4-bit I/O port. Port 5 pins also function as SCI I/O pins (TxD2, RxD2, and SCK2). Port
5 pin functions are the same in all operating modes. Figure 8.5 shows the port 5 pin configuration.
P53
P52
P51
P50
(I/O)
(I/O)/
(I/O)/
(I/O)/
SCK2
RxD2
TxD2
(I/O)
(input)
(output)
Port 5 pins
Port 5
Figure 8.5 Port 5 Pin Functions
8.6.2
Register Configuration
Table 8.9 shows the port 5 register configuration.
Table 8.9
Port 5 Registers
Name
Abbreviation
R/W
Initial Value*
1
Address*
2
Port 5 data direction register
P5DDR
W
H'0
H'FEB4
Port 5 data register
P5DR
R/W
H'0
H'FF64
Port 5 register
PORT5
R
Undefined
H'FF54
Notes: 1. Value of bits 3 to 0.
2. Lower 16 bits of the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com