Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 323Page - Renesas Technology Corp H8S2245 Datasheet HTML 324Page - Renesas Technology Corp H8S2245 Datasheet HTML 325Page - Renesas Technology Corp H8S2245 Datasheet HTML 326Page - Renesas Technology Corp H8S2245 Datasheet HTML 327Page - Renesas Technology Corp H8S2245 Datasheet HTML 328Page - Renesas Technology Corp H8S2245 Datasheet HTML 329Page - Renesas Technology Corp H8S2245 Datasheet HTML 330Page - Renesas Technology Corp H8S2245 Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 818 page
background image
Section 9 16-Bit Timer Pulse Unit (TPU)
Rev.3.00 Mar. 26, 2007 Page 285 of 772
REJ09B0355-0300
Section 9 16-Bit Timer Pulse Unit (TPU)
9.1
Overview
The H8S/2245 Group has an on-chip 16-bit timer pulse unit (TPU) that comprises three 16-bit
timer channels.
9.1.1
Features
• Maximum 8-pulse input/output
• A total of 8 timer general registers (TGRs) are provided (four for channel 0 and two each for
channels 1, and 2), each of which can be set independently as an output compare/input capture
register
TGRC and TGRD for channel 0 can also be used as buffer registers
• Selection of 7 or 8 counter input clocks for each channel
• The following operations can be set for each channel:
 Waveform output at compare match: Selection of 0, 1, or toggle output
 Input capture function: Selection of rising edge, falling edge, or both edge detection
 Counter clear operation: Counter clearing possible by compare match or input capture
 Synchronous operation: Multiple timer counters (TCNT) can be written to simultaneously
Simultaneous clearing by compare match and input capture possible
Register simultaneous input/output possible by counter synchronous operation
 PWM mode: Any PWM output duty can be set
Maximum of 7-phase PWM output possible by combination with synchronous operation
• Buffer operation settable for channel 0
 Input capture register double-buffering possible
 Automatic rewriting of output compare register possible
• Phase counting mode settable independently for each of channels 1, and 2
 Two-phase encoder pulse up/down-count possible
• Fast access via internal 16-bit bus
 Fast access is possible via a 16-bit bus interface
• 13 interrupt sources
 For channel 0 four compare match/input capture dual-function interrupts and one overflow
interrupt can be requested independently
 For channels 1, and 2, two compare match/input capture dual-function interrupts, one
overflow interrupt, and one underflow interrupt can be requested independently



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com