Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 325 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 325 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 321Page - Renesas Technology Corp H8S2245 Datasheet HTML 322Page - Renesas Technology Corp H8S2245 Datasheet HTML 323Page - Renesas Technology Corp H8S2245 Datasheet HTML 324Page - Renesas Technology Corp H8S2245 Datasheet HTML 325Page - Renesas Technology Corp H8S2245 Datasheet HTML 326Page - Renesas Technology Corp H8S2245 Datasheet HTML 327Page - Renesas Technology Corp H8S2245 Datasheet HTML 328Page - Renesas Technology Corp H8S2245 Datasheet HTML 329Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 283 of 772
REJ09B0355-0300
8.14
Handling of Unused Pins
Unused input pins should be fixed high or low. Generally, the input pins of CMOS products are
high-impedance. Leaving unused pins open can cause the generation of intermediate levels due to
peripheral noise induction. This can result in shoot-through current inside the device and cause it
to malfunction. Table 8.25 lists examples of ways to handle unused pins.
Table 8.25
Examples of Ways to Handle Unused Input Pins
Port Name
Pin Handling Example
Port 1
Connect each pin to Vcc (pull-up) or to Vss (pull-down) via a resistor.
Port 2
Port 3
Port 4
Connect each pin to AVcc (pull-up) or to AVss (pull-down) via a resistor.
Port 5
Connect each pin to Vcc (pull-up) or to Vss (pull-down) via a resistor.
Port A
Port B
Port C
Port D
Port E
Port F
Port G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com