Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 321 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 321 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 317Page - Renesas Technology Corp H8S2245 Datasheet HTML 318Page - Renesas Technology Corp H8S2245 Datasheet HTML 319Page - Renesas Technology Corp H8S2245 Datasheet HTML 320Page - Renesas Technology Corp H8S2245 Datasheet HTML 321Page - Renesas Technology Corp H8S2245 Datasheet HTML 322Page - Renesas Technology Corp H8S2245 Datasheet HTML 323Page - Renesas Technology Corp H8S2245 Datasheet HTML 324Page - Renesas Technology Corp H8S2245 Datasheet HTML 325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 279 of 772
REJ09B0355-0300
• Modes 1, 2, 4, 5, and 6
Pins PG
4 to PG1 function as bus control output pins (CS0 to CS3) when the corresponding
PGDDR bits are set to 1, and as input ports when the bits are cleared to 0.
Pin PG
0 is an output port when the corresponding PGDDR bit is set to 1, and an input port
when the bit is cleared to 0.
Note:
Modes 2 and 6 cannot be used in the H8S/2240.
• Modes 3 and 7
Setting a PGDDR bit to 1 makes the corresponding port G pin an output port, while clearing
the bit to 0 makes the pin an input port.
Note:
Modes 3 and 7 cannot be used in the H8S/2240.
Port G Data Register (PGDR)
7
—
Undefined
—
6
—
Undefined
—
5
—
Undefined
—
4
PG4DR
0
R/W
3
PG3DR
0
R/W
0
PG0DR
0
R/W
2
PG2DR
0
R/W
1
PG1DR
0
R/W
Bit
Initial value
R/W
:
:
:
PGDR is an 8-bit readable/writable register that stores output data for the port G pins (PG
4 to PG0).
Bits 7 to 5 are reserved; they return an undetermined value if read, and cannot be modified.
PGDR is initialized to H'00 (bits 4 to 0) by a power-on reset, and in hardware standby mode. It
retains its prior state after a manual reset, and in software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com