Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 318 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 318 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 314Page - Renesas Technology Corp H8S2245 Datasheet HTML 315Page - Renesas Technology Corp H8S2245 Datasheet HTML 316Page - Renesas Technology Corp H8S2245 Datasheet HTML 317Page - Renesas Technology Corp H8S2245 Datasheet HTML 318Page - Renesas Technology Corp H8S2245 Datasheet HTML 319Page - Renesas Technology Corp H8S2245 Datasheet HTML 320Page - Renesas Technology Corp H8S2245 Datasheet HTML 321Page - Renesas Technology Corp H8S2245 Datasheet HTML 322Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 276 of 772
REJ09B0355-0300
Pin
Selection Method and Pin Functions
PF
1/BACK/IRQ1
The pin function is switched as shown below according to the operating mode,
and the BRLE bit in BCRL and PF1DDR bit.
Operating
Mode
Modes 1, 2, 4, 5, 6*
2
Modes 3 and 7*
2
BRLE
0
1
—
PF1DDR
0
1
—
01
Pin function
PF
1
input pin
PF
1
output pin
BACK
output pin
PF
1
input pin
PF
1
output pin
IRQ1 interrupt input pin*1
Notes: 1. When this pin is used as an external interrupt input, it should not be
used as an input/output pin with other functions.
2. Modes 2, 3, 6, and 7 cannot be used in the H8S/2240.
PF
0/BREQ/IRQ0
The pin function is switched as shown below according to the operating mode,
and the BRLE bit in BCRL and PF0DDR bit.
Operating
Mode
Modes 1, 2, 4, 5, 6*
2
Modes 3 and 7*
2
BRLE
0
1
—
PF0DDR
0
1
—
01
Pin function
PF
0
input pin
PF
0
output pin
BREQ
input pin
PF
0
input pin
PF
0
output pin
IRQ0 interrupt input pin*1
Notes: 1. When this pin is used as an external interrupt input, it should not be
used as an input/output pin with other functions.
2. Modes 2, 3, 6, and 7 cannot be used in the H8S/2240.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com