Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 316 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 316 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 312Page - Renesas Technology Corp H8S2245 Datasheet HTML 313Page - Renesas Technology Corp H8S2245 Datasheet HTML 314Page - Renesas Technology Corp H8S2245 Datasheet HTML 315Page - Renesas Technology Corp H8S2245 Datasheet HTML 316Page - Renesas Technology Corp H8S2245 Datasheet HTML 317Page - Renesas Technology Corp H8S2245 Datasheet HTML 318Page - Renesas Technology Corp H8S2245 Datasheet HTML 319Page - Renesas Technology Corp H8S2245 Datasheet HTML 320Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 274 of 772
REJ09B0355-0300
After a power-on reset and in hardware standby mode, PORTF contents are determined by the pin
states, as PFDDR and PFDR are initialized. PORTF retains its prior state after a manual reset, and
in software standby mode.
8.12.3
Pin Functions
Port F pins also function as bus control signal input/output pins (
AS, RD, HWR, LWR, WAIT,
BREQO, BREQ, and BACK), the system clock (φ) output pin and interrupt input pins (IRQ0 to
IRQ 3). The pin functions differ between modes 1, 2, 4, 5, and 6, and modes 3 and 7. Port F pin
functions are shown in table 8.22.
Table 8.22
Port F Pin Functions
Pin
Selection Method and Pin Functions
PF
7/φ
The pin function is switched as shown below according to bit PF7DDR.
PF7DDR
0
1
Pin function
PF
7 input pin
φ output pin
PF
6/AS
The pin function is switched as shown below according to the operating mode
and bit PF6DDR.
Operating
Mode
Modes 1, 2, 4, 5, 6*
Modes 3 and 7*
PF6DDR
—
01
Pin function
AS output pin
PF
6 input pin
PF
6 output pin
Note:
*
Modes 2, 3, 6, and 7 cannot be used in the H8S/2240.
PF
5/RD
The pin function is switched as shown below according to the operating mode
and bit PF5DDR.
Operating
Mode
Modes 1, 2, 4, 5, 6*
Modes 3 and 7*
PF5DDR
—
01
Pin function
RD output pin
PF
5 input pin
PF
5 output pin
Note:
*
Modes 2, 3, 6, and 7 cannot be used in the H8S/2240.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com