Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 309Page - Renesas Technology Corp H8S2245 Datasheet HTML 310Page - Renesas Technology Corp H8S2245 Datasheet HTML 311Page - Renesas Technology Corp H8S2245 Datasheet HTML 312Page - Renesas Technology Corp H8S2245 Datasheet HTML 313Page - Renesas Technology Corp H8S2245 Datasheet HTML 314Page - Renesas Technology Corp H8S2245 Datasheet HTML 315Page - Renesas Technology Corp H8S2245 Datasheet HTML 316Page - Renesas Technology Corp H8S2245 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 271 of 772
REJ09B0355-0300
8.12
Port F
8.12.1
Overview
Port F is an 8-bit I/O port. Port F pins also function as bus control signal input/output pins (
AS,
RD, HWR, LWR, WAIT, BREQO, BREQ, and BACK), the system clock (φ) output pin and
interrupt input pins (
IRQ0 to IRQ3).
The interrupt input pins (
IRQ0 to IRQ3) are Schmitt-triggered inputs.
Figure 8.24 shows the port F pin configuration.
PF7/φ
PF6/AS
PF5/RD
PF4/HWR
PF3/LWR/IRQ3
PF2/WAIT/BREQO/IRQ2
PF1/BACK/IRQ1
PF0/BREQ/IRQ0
Port F
Note: * Modes 2, 3, 6, and 7 cannot be used in the H8S/2240.
PF7 (input)/φ(output)
AS (output)
RD (output)
HWR (output)
LWR (output)
PF2 (I/O)/WAIT (input)/BREQO (output)/IRQ2 (input)
PF1 (I/O)/BACK (output)/IRQ1(input)
PF0 (I/O)/BREQ (input)/IRQ0 (input)
Port F pins
Pin functions in modes 1, 2, 4, 5, and 6*
PF7 (input)/φ (output)
PF6 (I/O)
PF5 (I/O)
PF4 (I/O)
PF3 (I/O)/IRQ3 (input)
PF2 (I/O)/IRQ2 (input)
PF1 (I/O)/IRQ1 (input)
PF0 (I/O)/IRQ0 (input)
Pin functions in modes 3 and 7*
Figure 8.24 Port F Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com