Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 314 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 314 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 310Page - Renesas Technology Corp H8S2245 Datasheet HTML 311Page - Renesas Technology Corp H8S2245 Datasheet HTML 312Page - Renesas Technology Corp H8S2245 Datasheet HTML 313Page - Renesas Technology Corp H8S2245 Datasheet HTML 314Page - Renesas Technology Corp H8S2245 Datasheet HTML 315Page - Renesas Technology Corp H8S2245 Datasheet HTML 316Page - Renesas Technology Corp H8S2245 Datasheet HTML 317Page - Renesas Technology Corp H8S2245 Datasheet HTML 318Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 272 of 772
REJ09B0355-0300
8.12.2
Register Configuration
Table 8.21 shows the port F register configuration.
Table 8.21
Port F Registers
Name
Abbreviation
R/W
Initial Value
Address*
1
Port F data direction register
PFDDR
W
H'80/H'00*
2
H'FEBE
Port F data register
PFDR
R/W
H'00
H'FF6E
Port F register
PORTF
R
Undefined
H'FF5E
Notes: 1. Lower 16 bits of the address.
2. Initial value depends on the mode.
Port F Data Direction Register (PFDDR)
7
PF7DDR
1
W
0
W
6
PF6DDR
0
W
0
W
5
PF5DDR
0
W
0
W
4
PF4DDR
0
W
0
W
3
PF3DDR
0
W
0
W
0
PF0DDR
0
W
0
W
2
PF2DDR
0
W
0
W
1
PF1DDR
0
W
0
W
Bit
Modes 1, 2, 4, 5, 6
Initial value
R/W
Modes 3 and 7
Initial value
R/W
:
:
:
:
:
PFDDR is an 8-bit write-only register, the individual bits of which specify input or output for the
pins of port F. PFDDR cannot be read; if it is, an undefined value will be read.
This register is a write-only register, and cannot be written by bit manipulation instruction. For
details, see section 2.10.4, Access Methods for Registers with Write-Only Bits.
PFDDR is initialized by a power-on reset, and in hardware standby mode, to H'80 in modes 1, 2,
4, 5, and 6, and to H'00 in modes 3 and 7. It retains its prior state after a manual reset, and in
software standby mode. The OPE bit in SBYCR is used to select whether the bus control output
pins retain their output state or become high-impedance when a transition is made to software
standby mode.
• Modes 1, 2, 4, 5, and 6
Pin PF
7 functions as the φ output pin when the corresponding PFDDR bit is set to 1, and as an
input port when the bit is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com