Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 138Page - Renesas Technology Corp M32C/86T Datasheet HTML 139Page - Renesas Technology Corp M32C/86T Datasheet HTML 140Page - Renesas Technology Corp M32C/86T Datasheet HTML 141Page - Renesas Technology Corp M32C/86T Datasheet HTML 142Page - Renesas Technology Corp M32C/86T Datasheet HTML 143Page - Renesas Technology Corp M32C/86T Datasheet HTML 144Page - Renesas Technology Corp M32C/86T Datasheet HTML 145Page - Renesas Technology Corp M32C/86T Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 505 page
background image
Page 119
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
11. Interrupts
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Function
Interrupt Request Register
Bit
Symbol
Symbol
Address
After Reset
IIO0IR to IIO5IR, IIO8IR to IIO11IR
See below
0000 000X2
RW
RW
RW
RW
RW
RW
RW
(Note 1)
(b0)
(b3)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
0 : Requests no interrupt
1 : Requests an interrupt(2)
0 : Requests no interrupt
1 : Requests an interrupt(2)
0 : Requests no interrupt
1 : Requests an interrupt(2)
0 : Requests no interrupt
1 : Requests an interrupt(2)
0 : Requests no interrupt
1 : Requests an interrupt(2)
0 : Requests no interrupt
1 : Requests an interrupt(2)
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
NOTES:
1. See table below for bit symbols.
2. Only "0" can be set (nothing is changed even if "1" is set).
Symbol
IIO0IR
IIO1IR
IIO2IR
IIO3IR
IIO4IR
IIO5IR
IIO8IR
IIO9IR
IIO10IR
IIO11IR
Address
00A016
00A116
00A216
00A316
00A416
00A516
00A816
00A916
00AA16
00AB16
Bit 7
CAN10R
CAN11R
-
-
SRT0R
CAN12R
-
CAN00R
CAN01R
CAN02R
Bit 6
-
-
-
-
SRT1R
CAN1WUR
-
-
-
-
Bit 5
SIO0RR
SIO0TR
SIO1RR
SIO1TR
-
-
-
-
-
-
Bit 0
-
-
-
-
-
-
-
-
-
-
Bit 4
G0RIR
G0TOR
G1RIR
G1TOR
BT1R
-
-
-
-
-
Bit 3
-
-
-
-
-
-
-
-
-
-
Bit 2
TM13R/PO13R
TM14R/PO14R
TM12R/PO12R
TM10R/PO10R
TM17R/PO17R
-
-
-
-
-
Bit 1
-
-
-
-
-
-
TM11R/PO11R
TM15R/PO15R
TM16R/PO16R
-
Bit Symbols for the Interrupt Request Register
BT1R
TM1jR
PO1jR
SIOiRR
SIOiTR
GiTOR
GiRIR
SRTiR
CAN0kR
CAN1mR
CAN1WUR
-
: Intelligent I/O Base Timer Interrupt Request
: Intelligent I/O Time Measurement j Interrupt Request
: Intelligent I/O Waveform Generating Function j Interrupt Request
: Intelligent I/O Communication Unit i Receive Interrupt Request
: Intelligent I/O Communication Unit i Transmit Interrupt Request
: Intelligent I/O Communication Unit i HDLC Data Processing Function Interrupt Request (TO: Output to Transmit)
: Intelligent I/O Communication Unit i HDLC Data Processing Function Interrupt Request (RI: Input to Receive)
: Intelligent I/O Special Communication Function Interrupt Request
: CAN0 Communication Function Interrupt Request (k = 0 to 2)
: CAN1 Communication Function Interrupt Request (m = 0 to 2)
: CAN1 Wake-up Interrupt Request
: Reserved Bit. Set to "0".
i = 0, 1
j = 0 to 7
Reserved bit. Set to "0".
When read, its content is indeterminate.
RW
b7
b6
b5
b4
b3
b2
b1
b0
0
Figure 11.14 IIO0IR to IIO5IR, IIO8IR to IIO11IR Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com