Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 140Page - Renesas Technology Corp M32C/86T Datasheet HTML 141Page - Renesas Technology Corp M32C/86T Datasheet HTML 142Page - Renesas Technology Corp M32C/86T Datasheet HTML 143Page - Renesas Technology Corp M32C/86T Datasheet HTML 144Page - Renesas Technology Corp M32C/86T Datasheet HTML 145Page - Renesas Technology Corp M32C/86T Datasheet HTML 146Page - Renesas Technology Corp M32C/86T Datasheet HTML 147Page - Renesas Technology Corp M32C/86T Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 505 page
background image
Page 121
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
12. Watchdog Timer
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
12. Watchdog Timer
The watchdog timer monitors the program executions and detects defective program. It allows the micro-
computer to trigger a reset or to generate an interrupt if the program error occurs. The watchdog timer
contains a 15-bit counter, which is decremented by the CPU clock that the prescaler divides. The CM06 bit
in the CM0 register determines whether a watchdog timer interrupt request or reset is generated if the
watchdog timer underflows. The CM06 bit can only be set to "1" (reset). Once the CM06 bit is set to "1", it
cannot be changed to "0" ( watchdog timer interrupt) by program. The CM06 bit is set to "0" only after reset.
When the main clock, on-chip oscillator clock, or PLL clock runs as the CPU clock, the WDC7 bit in the
WDC register determine whether the prescaler divides the clock by 16 or by 128. When the sub clock runs
as the CPU clock, the prescaler divides the clock by 2 regardless of the WDC7 bit setting. Watchdog timer
cycle is calculated as follows. Marginal errors, due to the prescaler, may occur in watchdog timer cycle.
When the main clock, on-chip oscillator clock, or PLL clock is selected as the CPU clock,
Watchdog timer cycle =
When the sub clock is selected as the CPU clock,
Watchdog timer cycle =
For example, if the CPU clock frequency is 30MHz and the prescaler divides it by 16, the watchdog timer
cycle is approximately 17.5 ms.
The watchdog timer is reset when the WDTS register is set and when a watchdog timer interrupt request is
generated. The prescaler is reset only when the microcomputer is reset. Both watchdog timer and prescaler
stop after reset. They begin counting when the WDTS register is set.
The watchdog timer and prescaler stop in stop mode, wait mode and hold state. They resume counting
from the value held when the mode or state is exited.
Figure 12.1 shows a block diagram of the watchdog timer. Figure 12.2 shows registers associated with the
watchdog timer.
Divide-by-16 or -128 prescaler x counter value of watchdog timer (32768)
CPU clock
Divide-by-2 prescaler x counter value of watchdog timer (32768)
CPU clock
Watchdog Timer
Interrupt Request
Write to WDTS Register
Watchdog Timer
Set to
7FFF16
1/128
1/16
CM07 = 0
WDC7 = 1
CM07 = 0
WDC7 = 0
CM07 = 1
1/2
Prescaler
HOLD Signal
Reset
CM06 = 0
CM06 = 1
CPU Clock
CM06, CM07 : Bits in the CM0 Register
WDC7 : Bit in the WDC Register
PM22 : Bit in the PM2 Register
PM22 = 0
PM22 = 1
On-chip Oscillator Clock
Internal Reset Signal
Figure 12.1 Watchdog Timer Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com