Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 141Page - Renesas Technology Corp M32C/86T Datasheet HTML 142Page - Renesas Technology Corp M32C/86T Datasheet HTML 143Page - Renesas Technology Corp M32C/86T Datasheet HTML 144Page - Renesas Technology Corp M32C/86T Datasheet HTML 145Page - Renesas Technology Corp M32C/86T Datasheet HTML 146Page - Renesas Technology Corp M32C/86T Datasheet HTML 147Page - Renesas Technology Corp M32C/86T Datasheet HTML 148Page - Renesas Technology Corp M32C/86T Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 505 page
background image
Page 122
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
12. Watchdog Timer
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
WDC7
WDC5
(b4 - b0)
(b6)
Reserved Bit
Prescaler Select Bit
Watchdog Timer Control Register
High-Order Bit of the Watchdog Timer
0 : Divide-by-16
1 : Divide-by-128
0 : Cold start-up
1 : Warm start-up
Set to "0"
Symbol
Address
After Reset
WDC
000F16
000X XXXX2
RW
RO
RW
RW
RW
Bit Name
Function
Bit
Symbol
Cold Start-up/
Warm Start-up
Determine Flag(1,2, 3)
NOTES:
1. The WDC5 bit remains set to "1", regardless of setting to "1" or "0".
2. The WDC5 bit is set to "0" when power is turned on and can be set to "1" by program only.
3. The WDC5 bit maintains a value set before reset, even after reset has been performed.
b7
b6
b5
b4
b3
b2
b1
b0
0
Watchdog Timer Start Register(1)
Symbol
Address
After Reset
WDTS
000E16
Indeterminate
RW
WO
Function
The watchdog timer is reset to start counting by a write instruction to the
WDTS register. Default value of the watchdog timer is always set to
"7FFF16" regardless of the value written.
NOTES:
1. Write the WDTS register after the watchdog timer interrupt is generated.
b7
b0
Figure 12.2 WDC Register and WDTS Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com