Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 139Page - Renesas Technology Corp M32C/86T Datasheet HTML 140Page - Renesas Technology Corp M32C/86T Datasheet HTML 141Page - Renesas Technology Corp M32C/86T Datasheet HTML 142Page - Renesas Technology Corp M32C/86T Datasheet HTML 143Page - Renesas Technology Corp M32C/86T Datasheet HTML 144Page - Renesas Technology Corp M32C/86T Datasheet HTML 145Page - Renesas Technology Corp M32C/86T Datasheet HTML 146Page - Renesas Technology Corp M32C/86T Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 505 page
background image
Page 120
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
11. Interrupts
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
b7
b6
b5
b4
b3
b2
b1
b0
i = 0, 1
j = 0 to 7
Function
Interrupt Enable Register
Bit Name
Bit
Symbol
Symbol
Address
After Reset
IIO0IE to IIO5IE, IIO8IE to IIO11IE
See below
0000 00002
RW
0 : Disables an interrupt by bit 1 in IIOiIR register
1 : Enables an interrupt by bit 1 in IIOiIR register
0 : Disables an interrupt by bit 7 in IIOiIR register
1 : Enables an interrupt by bit 7 in IIOiIR register
0 : Disables an interrupt by bit 6 in IIOiIR register
1 : Enables an interrupt by bit 6 in IIOiIR register
0 : Disables an interrupt by bit 5 in IIOiIR register
1 : Enables an interrupt by bit 5 in IIOiIR register
0 : Disables an interrupt by bit 4 in IIOiIR register
1 : Enables an interrupt by bit 4 in IIOiIR register
0 : Disables an interrupt by bit 2 in IIOiIR register
1 : Enables an interrupt by bit 2 in IIOiIR register
0 : Interrupt request is used for DMAC, DMAC II
1 : Interrupt request is used for interrupt
IRLT
Interrupt Request
Select Bit(2)
Address
00B016
00B116
00B216
00B316
00B416
00B516
00B816
00B916
00BA16
00BB16
Bit 7
CAN10E
CAN11E
-
-
SRT0E
CAN12E
-
CAN00E
CAN01E
CAN02E
Bit Symbols for the Interrupt Enable Register
BT1E
TM1jE
PO1jE
SIOiRE
SIOiTE
GiTOE
GiRIE
SRT
iE
CAN0kE
CAN1mE
CAN1WUE
-
Bit 6
-
-
-
-
SRT
1E
CAN1WUE
-
-
-
-
Bit 5
SIO0RE
SIO0TE
SIO1RE
SIO1TE
-
-
-
-
-
-
Bit 4
G0RIE
G0TOE
G1RIE
G1TOE
BT1E
-
-
-
-
-
Bit 3
-
-
-
-
-
-
-
-
-
-
Bit 2
TM13E/PO13E
TM14E/PO14E
TM12E/PO12E
TM10E/PO10E
TM17E/PO17E
-
-
-
-
-
Bit 1
-
-
-
-
-
-
TM11E/PO11E
TM15E/PO15E
TM16E/PO16E
-
Symbol
IIO0IE
IIO1IE
IIO2IE
IIO3IE
IIO4IE
IIO5IE
IIO8IE
IIO9IE
IIO10IE
IIO11IE
Bit 0
IRLT
IRLT
IRLT
IRLT
IRLT
IRLT
IRLT
IRLT
IRLT
IRLT
RW
RW
RW
RW
RW
RW
RW
(Note 1)
(Note 1)
(b3)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
: Intelligent I/O Base Timer Interrupt Enabled
: Intelligent I/O Time Measurement j Interrupt Enabled
: Intelligent I/O Waveform Generating Function j Interrupt Enabled
: Intelligent I/O Communication Unit i Receive Interrupt Enabled
: Intelligent I/O Communication Unit i Transmit Interrupt Enabled
: Intelligent I/O Communication Unit i HDLC Data Processing Function Interrupt Enabled (TO: Output to Transmit)
: Intelligent I/O Communication Unit i HDLC Data Processing Function Interrupt Enabled (RI: Input to Receive)
: Intelligent I/O Special Communication Function Interrupt Enabled
: CAN0 Communication Function Interrupt Enabled (k = 0 to 2)
: CAN1 Communication Function Interrupt Enabled (m = 0 to 2)
: CAN1 Wake-up Interrupt Enabled
: Reserved Bit. Set to "0".
Reserved Bit
Set to "0"
0
NOTES:
1. See table below for bit symbols.
2. If an interrupt request is used for interrupt, set bit 1, 2, 4 to 7 to "1" after the IRLT bit is set to "1".
RW
Figure 11.15 IIO0IE to IIO5IE, IIO8IE to IIO11IE Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com