Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 210Page - Renesas Technology Corp M32C/86T Datasheet HTML 211Page - Renesas Technology Corp M32C/86T Datasheet HTML 212Page - Renesas Technology Corp M32C/86T Datasheet HTML 213Page - Renesas Technology Corp M32C/86T Datasheet HTML 214Page - Renesas Technology Corp M32C/86T Datasheet HTML 215Page - Renesas Technology Corp M32C/86T Datasheet HTML 216Page - Renesas Technology Corp M32C/86T Datasheet HTML 217Page - Renesas Technology Corp M32C/86T Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 505 page
background image
Page 191
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
UARTi Special Mode Register 4 (i=0 to 4)
Symbol
Address
After Reset
U0SMR4 to U4SMR4
036416, 02E416, 033416, 032416, 02F416
0016
RW
Start Condition
Generate Bit(1)
Restart Condition
Generate Bit(1)
Stop Condition
Generate Bit(1)
SCL, SDA Output
Select Bit
ACK Data Bit
ACK Data Output
Enable Bit
0: Clear
1: Start
0: Clear
1: Start
0: Clear
1: Start
0: Selects the serial I/O circuit
1: Selects the start/stop condition
generating circuit
0: ACK
1: NACK
Bit Name
Bit
Symbol
Function
NOTES:
1. When each condition is generated, the STAREQ, RSTAREQ or STPREQ bit is set to "0".
When a condition generation is incomplete, the bit remains unchanged as "1".
SCL Wait Output Bit 3
SCL Output Stop
Enable Bit
0: SCL "L" hold disabled
1: SCL "L" hold enabled
0: Disabled
1: Enabled
0: Serial I/O data output
1: ACK data output
STSPSEL
ACKD
ACKC
SCLHI
STAREQ
STPREQ
RSTAREQ
SWC9
RW
RW
RW
RW
RW
RW
RW
RW
b7
b6
b5
b4
b3
b2
b1
b0
Figure 17.8 U0SMR4 to U4SMR4 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com