Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 211Page - Renesas Technology Corp M32C/86T Datasheet HTML 212Page - Renesas Technology Corp M32C/86T Datasheet HTML 213Page - Renesas Technology Corp M32C/86T Datasheet HTML 214Page - Renesas Technology Corp M32C/86T Datasheet HTML 215Page - Renesas Technology Corp M32C/86T Datasheet HTML 216Page - Renesas Technology Corp M32C/86T Datasheet HTML 217Page - Renesas Technology Corp M32C/86T Datasheet HTML 218Page - Renesas Technology Corp M32C/86T Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 505 page
background image
Page 192
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
External Interrupt Request Source Select Register
Symbol
Address
After Reset
IFSR
031F16
0016
RW
INT0 Interrupt Polarity
Select Bit(1)
INT1 Interrupt Polarity
Select Bit(1)
INT2 Interrupt Polarity
Select Bit(1)
INT3 Interrupt Polarity
Select Bit(1)
INT4 Interrupt Polarity
select bit(1)
INT5 Interrupt Polarity
Select Bit(1)
0 : One edge
1 : Both edges
0 : One edge
1 : Both edges
0 : One edge
1 : Both edges
0 : One edge
1 : Both edges
0 : One edge
1 : Both edges
Bit Name
Bit
Symbol
Function
NOTES:
1. Set this bit to "0" to select a level-sensitive triggering.
When setting this bit to "1", set the POL bit in the INTilC register (i = 0 to 5) to "0" (falling edge).
UART1, UART4
Interrupt Source
Select Bit
UART0, UART3
Interrupt Source
Select Bit
0 : One edge
1 : Both edges
IFSR3
IFSR4
IFSR5
IFSR6
IFSR0
IFSR2
IFSR1
IFSR7
RW
RW
RW
RW
RW
RW
RW
RW
0 : UART3 bus conflict, start condition
detect, stop condition detect
1 : UART0 bus conflict, start condition
detect, stop condition detect
0 : UART4 bus conflict, start condition
detect, stop condition detect
1 : UART1 bus conflict, start condition
detect, stop condition detect
b7
b6
b5
b4
b3
b2
b1
b0
Figure 17.9 IFSR Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com