Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 214Page - Renesas Technology Corp M32C/86T Datasheet HTML 215Page - Renesas Technology Corp M32C/86T Datasheet HTML 216Page - Renesas Technology Corp M32C/86T Datasheet HTML 217Page - Renesas Technology Corp M32C/86T Datasheet HTML 218Page - Renesas Technology Corp M32C/86T Datasheet HTML 219Page - Renesas Technology Corp M32C/86T Datasheet HTML 220Page - Renesas Technology Corp M32C/86T Datasheet HTML 221Page - Renesas Technology Corp M32C/86T Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 505 page
background image
Page 195
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Clock Synchronous Serial I/O)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 17.3 Pin Settings in Clock Synchronous Serial I/O Mode (1)
Port
Function
Setting
PS0 Register
PSL0 Register
PD6 Register
P60
__________
CTS0 input
PS0_0=0
-
PD6_0=0
__________
RTS0 output
PS0_0=1
-
-
P61
CLK0 input
PS0_1=0
-
PD6_1=0
CLK0 output
PS0_1=1
-
-
P62
RxD0 input
PS0_2=0
-
PD6_2=0
P63
TxD0 output
PS0_3=1
-
-
P64
__________
CTS1 input
PS0_4=0
-
PD6_4=0
_________
RTS1 output
PS0_4=1
PSL0_4=0
-
P65
CLK1 input
PS0_5=0
-
PD6_5=0
CLK1 output
PS0_5=1
-
-
P66
RxD1 input
PS0_6=0
-
PD6_6=0
P67
TxD1 output
PS0_7=1
-
-
Table 17.4 Pin Settings (2)
Port
Function
Setting
PS1 Register
PSL1 Register
PSC Register
PD7 Register
P70(1)
TxD2 output
PS1_0=1
PSL1_0=0
PSC_0=0
-
P71(1)
RxD2 input
PS1_1=0
-
-
PD7_1=0
P72
CLK2 input
PS1_2=0
-
-
PD7_2=0
CLK2 output
PS1_2=1
PSL1_2=0
PSC_2=0
-
P73
__________
CTS2 input
PS1_3=0
-
-
PD7_3=0
__________
RTS2 output
PS1_3=1
PSL1_3=0
PSC_3=0
-
NOTES:
1. P70 and P71 are ports for the N-channel open drain output.
Table 17.5 Pin Settings (3)
Port
Function
Setting
PS3 Register(1)
PSL3 Register
PSC3 Register
PD9 Register(1)
P90
CLK3 input
PS3_0=0
-
-
PD9_0=0
CLK3 output
PS3_0=1
-
-
-
P91
RxD3 input
PS3_1=0
-
-
PD9_1=0
P92
TxD3 output
PS3_2=1
PSL3_2=0
-
-
P93
__________
CTS3 input
PS3_3=0
PSL3_3=0
-
PD9_3=0
__________
RTS3 output
PS3_3=1
-
-
-
P94
__________
CTS4 input
PS3_4=0
PSL3_4=0
-
PD9_4=0
__________
RTS4 output
PS3_4=1
-
-
-
P95
CLK4 input
PS3_5=0
PSL3_5=0
-
PD9_5=0
CLK4 output
PS3_5=1
-
-
-
P96
TxD4 output
PS3_6=1
-
PSC3_6=0
-
P97
RxD4 input
PS3_7=0
-
-
PD9_7=0
NOTES:
1. Set the PD9 and PS3 registers immediately after the PRC2 bit in the PRCR register is set to "1" (write enable). Do
not generate an interrupt or a DMA transfer between the instruction to set the PRC2 bit to "1" and the instruction to
set the PD9 and PS3 registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com