Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 213Page - Renesas Technology Corp M32C/86T Datasheet HTML 214Page - Renesas Technology Corp M32C/86T Datasheet HTML 215Page - Renesas Technology Corp M32C/86T Datasheet HTML 216Page - Renesas Technology Corp M32C/86T Datasheet HTML 217Page - Renesas Technology Corp M32C/86T Datasheet HTML 218Page - Renesas Technology Corp M32C/86T Datasheet HTML 219Page - Renesas Technology Corp M32C/86T Datasheet HTML 220Page - Renesas Technology Corp M32C/86T Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 505 page
background image
Page 194
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Clock Synchronous Serial I/O)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 17.2 Register Settings in Clock Synchronous Serial I/O Mode
Register
Bit
Function
UiTB
7 to 0
Set transmit data
UiRB
7 to 0
Received data can be read
OER
Overrun error flag
UiBRG
7 to 0
Set bit rate
UiMR
SMD2 to SMD0
Set to "0012"
CKDIR
Select the internal clock or external clock
IOPOL
Set to "0"
UiC0
CLK1, CLK0
Select count source for the UiBRG register
CRS
_______
_______
Select CTS or RTS when using either
TXEPT
Transmit register empty flag
CRD
_______
_______
Enables or disables the CTS or RTS function
NCH
Select output format of the TxDi pin
CKPOL
Select transmit clock polarity
UFORM
Select either LSB first or MSB first
UiC1
TE
Set to "1" to enable data transmission and reception
TI
Transmit buffer empty flag
RE
Set to "1" to enable data reception
RI
Reception complete flag
UiIRS
Select what causes the UARTi transmit interrupt to be generated
UiRRM
Set to "1" when using continuous receive mode
UiLCH
Set to "1" when using data logic inverse
SCLKSTPB
Set to "0"
UiSMR
7 to 0
Set to "0016"
UiSMR2
7 to 0
Set to "0016"
UiSMR3
2 to 0
Set to "0002"
NODC
Select clock output format
7 to 4
Set to "00002"
UiSMR4
7 to 0
Set to "0016"
i=0 to 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com