Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 278Page - Renesas Technology Corp M32C/86T Datasheet HTML 279Page - Renesas Technology Corp M32C/86T Datasheet HTML 280Page - Renesas Technology Corp M32C/86T Datasheet HTML 281Page - Renesas Technology Corp M32C/86T Datasheet HTML 282Page - Renesas Technology Corp M32C/86T Datasheet HTML 283Page - Renesas Technology Corp M32C/86T Datasheet HTML 284Page - Renesas Technology Corp M32C/86T Datasheet HTML 285Page - Renesas Technology Corp M32C/86T Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 505 page
background image
Page 259
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
21. X/Y Conversion
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
21. X/Y Conversion
The X/Y conversion rotates a 16 x 16 matrix data by 90 degrees and inverses high-order bits and low-order
bits of a 16-bit data. Figure 21.1 shows the XYC register.
The 16-bit XiR register (i=0 to 15) and 16-bit YjR register (j=0 to 15) are allocated to the same address. The
XiR register is a write-only register, while the YjR register is a read-only register. Access the XiR and YjR
registers from an even address in 16-bit units. Performance cannot be guaranteed if the XiR and YiR
registers are accessed in 8-bit units.
Function
X/Y Control Register
Bit Name
Bit
Symbol
Symbol
Address
After Reset
XYC
02E016
XXXX XX002
RW
Read Mode Set Bit
Write Mode Set Bit
Noting is assigned. When write, set to "0".
When read, its content is indeterminate.
0 : Data conversion
1 : No data conversion
0 : No bit alignment conversion
1 : Bit alignment conversion
XYC1
(b7 - b2)
XYC0
RW
RW
b7
b6
b5
b4
b3
b2
b1
b0
Figure 21.1 XYC Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com