Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 279Page - Renesas Technology Corp M32C/86T Datasheet HTML 280Page - Renesas Technology Corp M32C/86T Datasheet HTML 281Page - Renesas Technology Corp M32C/86T Datasheet HTML 282Page - Renesas Technology Corp M32C/86T Datasheet HTML 283Page - Renesas Technology Corp M32C/86T Datasheet HTML 284Page - Renesas Technology Corp M32C/86T Datasheet HTML 285Page - Renesas Technology Corp M32C/86T Datasheet HTML 286Page - Renesas Technology Corp M32C/86T Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 505 page
background image
Page 260
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
21. X/Y Conversion
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
X15R register
X14R register
X13R register
X12R register
X11R register
X10R register
X9R register
X8R register
X7R register
X6R register
X5R register
X4R register
X3R register
X2R register
X1R register
X0R register
Bits in the XiR register
b0
b15
Address to
be written
Address to be read
X0R register
X1R register
X2R register
X3R register
X4R register
X5R register
X6R register
X7R register
X8R register
X9R register
X10R register
X11R register
X12R register
X13R register
X14R register
X15R register
Y0R register
Y1R register
Y2R register
Y3R register
Y4R register
Y5R register
Y6R register
Y7R register
Y8R register
Y9R register
Y10R register
Y11R register
Y12R register
Y13R register
Y14R register
Y15R register
The XYC0 bit in the XYC register determines how to read the YjR register.
By reading the YjR register when the XYC0 bit is set to "0" (data conversion), bit j in the X0R to X15R
registers can be read simultaneously.
For example, bit 0 in the X0R register can be read if reading bit 0 in the Y0R register, bit 0 in the X1R
register if reading bit 1 in the Y0R register..., bit 0 in the X14R register if reading bit 14 in the Y0R register
and bit 0 in the X15R register if reading bit 15 in the Y0R register.
Figure 21.2 shows the conversion table when the XYC0 bit is set to "0". Figure 21.3 shows an example of
the X/Y conversion.
Figure 21.2 Conversion Table when Setting the XYC0 Bit to "0"
Figure 21.3 X/Y Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com