Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 280Page - Renesas Technology Corp M32C/86T Datasheet HTML 281Page - Renesas Technology Corp M32C/86T Datasheet HTML 282Page - Renesas Technology Corp M32C/86T Datasheet HTML 283Page - Renesas Technology Corp M32C/86T Datasheet HTML 284Page - Renesas Technology Corp M32C/86T Datasheet HTML 285Page - Renesas Technology Corp M32C/86T Datasheet HTML 286Page - Renesas Technology Corp M32C/86T Datasheet HTML 287Page - Renesas Technology Corp M32C/86T Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 505 page
background image
Page 261
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
21. X/Y Conversion
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
X0R register, Y0R register
X1R register, Y1R register
X2R register, Y2R register
X3R register, Y3R register
X4R register, Y4R register
X5R register, Y5R register
X6R register, Y6R register
X7R register, Y7R register
X8R register, Y8R register
X9R register, Y9R register
X10R register, Y10R register
X11R register, Y11R register
X12R register, Y12R register
X13R register, Y13R register
X14R register, Y14R register
X15R register, Y15R register
b0
b15
Bits in the XiR register
Bits in the YjR register
Address to be written
Address to be read
i=0 to 15
j=0 to 15
b15
b0
b15
b0
Bits in XiR register
Data to be written
(i=0 to 15)
By reading the YjR register when the XYC0 bit in the XYC register is set to "1" (no data conversion), the
value written to the XiR register can be read directly. Figure 21.4 shows the conversion table when the
XYC0 bit is set to "1."
Figure 21.4 Conversion Table when Setting the XYC0 Bit to "1"
The XYC1 bit in the XYC register selects bit alignment of the value in the XiR register.
By writing to the XiR register while the XYC1 bit is set to "0" (no bit alignment conversion), bit alignment is
written as is. By writing to the XiR register while the XYC1 bit is set to "1" (bit sequence replaced), bit
alignment is written inversed.
Figure 21.5 shows the conversion table when the XYC1 bit is set to "1".
Figure 21.5 Conversion Table when Setting the XYC1 Bit to "1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com