Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 281Page - Renesas Technology Corp M32C/86T Datasheet HTML 282Page - Renesas Technology Corp M32C/86T Datasheet HTML 283Page - Renesas Technology Corp M32C/86T Datasheet HTML 284Page - Renesas Technology Corp M32C/86T Datasheet HTML 285Page - Renesas Technology Corp M32C/86T Datasheet HTML 286Page - Renesas Technology Corp M32C/86T Datasheet HTML 287Page - Renesas Technology Corp M32C/86T Datasheet HTML 288Page - Renesas Technology Corp M32C/86T Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 505 page
background image
Page 262
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
22. Intelligent I/O
The intelligent I/O is a multifunctional I/O port for time measurement, waveform generating, clock synchro-
nous serial I/O, clock asynchronous serial I/O (UART), HDLC data processing and more.
The intelligent I/O has one 16-bit base timer for free-running operation, eight 16-bit registers for time mea-
surement and waveform generating and two sets of two 8-bit shift registers for communications.
Table 22.1 lists functions and channels of the intelligent I/O.
Table 22.1 Intelligent I/O Functions and Channels
Function
Description
Time Measurement(1)
8 channels
Digital Filter
8 channels
Trigger Input Prescaler
2 channels (channel 6 and channel 7)
Trigger Input Gate
2 channels (channel 6 and channel 7)
Waveform Generating(1)
8 channels
Single-Phase Waveform Output Mode
8 channels
Phase-Delayed Waveform Output Mode 8 channels
SR Waveform Output Mode
8 channels
Communication
Communication unit 0
Communication unit 1
Clock Synchronous Serial I/O Mode
Available
UART Mode
Not Available
Available
HDLC Data Processing Mode
Available
Stepping Motor Control
4 outputs x 4 sets
NOTES:
1. The time measurement function and the waveform generating function share a pin.
The time measurement function and waveform generating function can be selected for each channel.
The communication function is available by a combining multiple channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com