Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 297Page - Renesas Technology Corp M32C/86T Datasheet HTML 298Page - Renesas Technology Corp M32C/86T Datasheet HTML 299Page - Renesas Technology Corp M32C/86T Datasheet HTML 300Page - Renesas Technology Corp M32C/86T Datasheet HTML 301Page - Renesas Technology Corp M32C/86T Datasheet HTML 302Page - Renesas Technology Corp M32C/86T Datasheet HTML 303Page - Renesas Technology Corp M32C/86T Datasheet HTML 304Page - Renesas Technology Corp M32C/86T Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 505 page
background image
Page 278
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Time Measurement Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 22.13 Time Measurement Function (1)
FFFF16
p
p
n
n
m
m
Base Timer
Signal Applied
to the INPC1j Pin
000016
G1TMj Register
TM1jR Bit in the
IIOiIR Register
i= 0 to 4, 8 to 10
j= 0 to 7
The above applies to the following conditions:
The CTS1 and CTS0 bits in the G1TMCRj registers are set to "012" (rising edge).
The PR bit is set to "0" (no prescaler used) and the GT bit is set to "0" (no gate
function used).
The RST2 and RST1 bits in the G1BCR1 register are set to "002" (no base timer
reset).
The UD1 and UD0 bits are set to "002" (counter increment mode).
Write "0" by program if setting to "0"
To set the base timer to "000016" (setting the RST1 bit to "1" and the RST2 bit to "0")
when the base timer value matches the G1PO0 register setting, the base timer is set
to "000016" after it reaches the G1PO0 register value +2.
"H"
"L"
"1"
"0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com