Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 299Page - Renesas Technology Corp M32C/86T Datasheet HTML 300Page - Renesas Technology Corp M32C/86T Datasheet HTML 301Page - Renesas Technology Corp M32C/86T Datasheet HTML 302Page - Renesas Technology Corp M32C/86T Datasheet HTML 303Page - Renesas Technology Corp M32C/86T Datasheet HTML 304Page - Renesas Technology Corp M32C/86T Datasheet HTML 305Page - Renesas Technology Corp M32C/86T Datasheet HTML 306Page - Renesas Technology Corp M32C/86T Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 505 page
background image
Page 280
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Time Measurement Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 22.15 Prescaler Function and Gate Function
fBT1
Base Timer
TM1jR bit(2)
G1TMj register
Internal time
measurement trigger
Prescaler(1)
(1) With the Prescaler Function
(When the G1TPRj register (j=6, 7) is set to "0216", the PR bit in the G1TMCRj register is set to "1")
fBT1
Base Timer
INPC1j pin input
Internal time
measurement trigger
IFEj bit in G1FE
register
Signal to match
G1POk register
Gate control signal
G1TMj register
TM1jR bit(1)
This trigger input is disabled
due to the gate function
10
FFFF16
000016
n-2
n-1
n+2
n+3
n+4
n+5
n+6
n+7
n+8
n+9 n+10 n+11
n+14
n
n+12
2
NOTES:
1. This applies to cycles following the first cycle the G1TPRj register decrements after the PR bit in the G1TMCRj
register is set to "1" (prescaler used).
2. Bits in the IIO0IR to IIO4IR, IIO8IR to IIO10IR registers. See Figure 11.14 for the TM1jR bit.
(2) With the Gate Function
(The gate function is cleared by matching the base timer with the G1POk register (k=4, 5).
the GT bit in the G1TMCRj register is set to "1", the GOC bit is set to "1")
INPC1j pin input
Gate
Gate
Gate cleared
n+1
n+12 n+13
Write "0" by program
if setting to "0"
Write "0" by program if setting to "0"
NOTES:
1. Bits in the IIO0IR to IIO4IR, IIO8IR to IIO10IR registers. See Figure 11.14 for the TM1jR bit.
n
2
0
Value of the G1POk register
"H"
"L"
"H"
"L"
"1"
"0"
"1"
"H"
"L"
"1"
"0"
"H"
"L"
"H"
"L"
"H"
"L"
"0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com