Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 304 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 304 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 300Page - Renesas Technology Corp M32C/86T Datasheet HTML 301Page - Renesas Technology Corp M32C/86T Datasheet HTML 302Page - Renesas Technology Corp M32C/86T Datasheet HTML 303Page - Renesas Technology Corp M32C/86T Datasheet HTML 304Page - Renesas Technology Corp M32C/86T Datasheet HTML 305Page - Renesas Technology Corp M32C/86T Datasheet HTML 306Page - Renesas Technology Corp M32C/86T Datasheet HTML 307Page - Renesas Technology Corp M32C/86T Datasheet HTML 308Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 505 page
background image
Page 281
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Waveform Generating Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
22.3 Waveform Generating Function
Waveforms are generated when the value of the base timer matches that of the G1POj register (j=0 to 7).
The waveform generating function has the following three modes :
• Single-phase waveform output mode
• Phase-delayed waveform output mode
• Set/Reset waveform output (SR waveform output) mode
Table 22.7 lists pin settings of the waveform generating function. Table 22.8 lists registers associated with
the waveform generating function.
Table 22.7 Pin Settings for Waveform Generating Function
Pin
Bit and Setting
PS1, PS2, PS5 to PS8
PSL1, PSL2 Registers
PSC, PSC2 Registers PSD1 Register
Registers
P70/OUTC16
PS1_0 = 1
PSL1_0 = 0
PSC_0 = 1
PSD1_0=1
P71/OUTC17
PS1_1 = 1
PSL1_1 = 0
PSC_1 = 1
PSD1_1=1
P73/OUTC10
PS1_3 = 1
PSL1_3 = 0
PSC_3 = 1
-
P74/OUTC11
PS1_4 = 1
PSL1_4 = 0
PSC_4 = 1
-
P75/OUTC12
PS1_5 = 1
PSL1_5 = 1
-
-
P76/OUTC13
PS1_6 = 1
PSL1_6 = 0
PSC_6 = 0
PSD1_6=1
P77/OUTC14
PS1_7 = 1
PSL1_7 = 1
-
-
P81/OUTC15
PS2_1 = 1
PSL2_1 = 1
PSC2_1=1
-
P110/OUTC10
PS5_0 = 1
-
-
-
P111/OUTC11
PS5_1 = 1
P112/OUTC12
PS5_2 = 1
P113/OUTC13
PS5_3 = 1
P140/OUTC14
PS8_0 = 1
P141/OUTC15
PS8_1 = 1
P142/OUTC16
PS8_2 = 1
P143/OUTC17
PS8_3 = 1
Table 22.8 Waveform Generating Function Associated Register Settings
Register
Bit
Function
G1POCRj
MOD2 to MOD0
Select waveform output mode
IVL
Select default output value
RLD
Select a timing to reload the value of the G1POj register
INV
Select if output level is inversed
G1POj
-
Select when output waveform is inversed
G1FS
FSCj
Set to "0" (waveform generating function)
G1FE
IFEj
Set to "1" (channel j function enabled)
j = 0 to 7
Bit configurations and functions vary with channels used.
Registers associated with the waveform generating measurement function must be set after setting registers associated
with the base timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com