Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 301Page - Renesas Technology Corp M32C/86T Datasheet HTML 302Page - Renesas Technology Corp M32C/86T Datasheet HTML 303Page - Renesas Technology Corp M32C/86T Datasheet HTML 304Page - Renesas Technology Corp M32C/86T Datasheet HTML 305Page - Renesas Technology Corp M32C/86T Datasheet HTML 306Page - Renesas Technology Corp M32C/86T Datasheet HTML 307Page - Renesas Technology Corp M32C/86T Datasheet HTML 308Page - Renesas Technology Corp M32C/86T Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 505 page
background image
Page 282
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Waveform Generating Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
22.3.1 Single-Phase Waveform Output Mode
Output signal level of the OUTC1j pin becomes high ("H") when the base timer value matches the G1POj
register (j=0 to 7) setting. The "H" signal switches to a low-level ("L") signal when the base timer reaches
"000016". If the IVL bit in the G1POCRj register is set to "1" ("H" output as default value), an "H" signal
output is provided when waveform output starts. If the INV bit is set to "1" (output inversed), the level of
the waveform output is inversed. See Figure 22.16 for details on single-phase waveform output mode
operation. Table 22.9 lists specifications of single-phase waveform output mode.
Table 22.9 Single-Phase Waveform Output Mode Specifications
Item
Specification
Output Waveform(2)
• Free-running operation
(the RST2 and RST1 bits in the G1BCR1 register are set to "002")
Cycle
:
"L" width
:
"H" width
:
m : setting value of the G1POj register (j=0 to 7), 000016 to FFFF16
• The base timer is cleared to "000016" by matching the base timer with the
G1PO0 register (the RST1 bit is set to "1" and the RST2 bit is set to "0")
Cycle
:
"L" width
:
"H" width
:
m : setting value of the G1POj register (j=1 to 7), 000016 to FFFF16
n : setting value of the G1PO0 register, 000116 to FFFD16
If m
≥ n+2, the output level is fixed to "L"
Waveform Output Start Condition(1) The IFEj bit in the G1FE register is set to "1" (channel j function enabled)
Waveform Output Stop Condition
The IFEj bit is set to "0" (channel j function disabled)
Interrupt Request
The PO1jR bit in the interrupt request register is set to "1" (interrupt
requested) when the base timer value matches the G1POj register setting.
(See Figure 11.14)
OUTC1j Pin
Pulse signal output pin
Selectable Function
• Default value set function: Set starting waveform output level
• Inversed output function:
Waveform output signal is inversed and provided from the OUTC1j pin
NOTES:
1. Set the FSCj bit in the G1FS register to "0" (waveform generating function selected).
2. When the INV bit in the G1POCRj register is set to "1" (output inversed), the "L" width and "H" width are inversed.
m
fBT1
65536-m
fBT1
n+2
fBT1
m
fBT1
n+2-m
fBT1
65536
fBT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com