Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 314 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 314 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 310Page - Renesas Technology Corp M32C/86T Datasheet HTML 311Page - Renesas Technology Corp M32C/86T Datasheet HTML 312Page - Renesas Technology Corp M32C/86T Datasheet HTML 313Page - Renesas Technology Corp M32C/86T Datasheet HTML 314Page - Renesas Technology Corp M32C/86T Datasheet HTML 315Page - Renesas Technology Corp M32C/86T Datasheet HTML 316Page - Renesas Technology Corp M32C/86T Datasheet HTML 317Page - Renesas Technology Corp M32C/86T Datasheet HTML 318Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 505 page
background image
Page 291
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Communication Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 22.22 G0MR and G1MR Registers
SI/O Communication Mode Register 0
Symbol
Address
After Reset
G0MR
00ED16
0016
RW
RW
RW
RW
RW
RW
RW
Bit Name
Function
Bit
Symbol
NOTES:
1. Do not set to any bit combinations except the above.
GMD0
GMD1
CKDIR
(b5 - b3)
Communication Mode
Select Bit
UFORM
IRS
Internal/External Clock
Select Bit
Transfer Format
Select Bit
Transmit Interrupt
Cause Select Bit
0 : Internal clock
1 : External clock
0 : LSB first
1 : MSB first
: Clock synchronous serial I/O
mode
: HDLC data processing mode(1)
b1
0
1
b0
1
1
b7
b6
b5
b4
b3
b2
b1
b0
Reserved Bit
Set to "0"
00 0
0 : No data in the G0TB register
(TI=1)
1 : Transmission is completed
(TXEPT=1)
SI/O Communication Mode Register 1
Symbol
Address
After Reset
G1MR
012D16
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Function
Bit
Symbol
NOTES:
1. In M32C/86, do not set the GMD1 and GMD0 bits to "102" except when using in motor vehicles.
GMD0
GMD1
CKDIR
Communication Mode
Select Bit
STPS
PRY
PRYE
UFORM
IRS
Internal/External Clock
Select Bit
Stop Bit Length
Select Bit
Parity Odd/Even
Select Bit
Parity Enable
Select Bit
Transfer Format
Select Bit
Transmit Interrupt
Cause Select Bit
0 : Internal clock
1 : External clock
0 : 1 stop bit
1 : 2 stop bits
0 : Parity disabled
1 : Parity enabled
0 : Odd parity
1 : Even parity
0 : LSB first
1 : MSB first
: UART mode
: Clock synchronous serial I/O
mode
: Special communication mode(1)
: HDLC data processing mode
b1
0
0
1
1
b0
0
1
0
1
b7
b6
b5
b4
b3
b2
b1
b0
0 : No data in the G1TB register
(TI=1)
1 : Transmission is completed
(TXEPT=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com