Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 318 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 318 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 314Page - Renesas Technology Corp M32C/86T Datasheet HTML 315Page - Renesas Technology Corp M32C/86T Datasheet HTML 316Page - Renesas Technology Corp M32C/86T Datasheet HTML 317Page - Renesas Technology Corp M32C/86T Datasheet HTML 318Page - Renesas Technology Corp M32C/86T Datasheet HTML 319Page - Renesas Technology Corp M32C/86T Datasheet HTML 320Page - Renesas Technology Corp M32C/86T Datasheet HTML 321Page - Renesas Technology Corp M32C/86T Datasheet HTML 322Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 505 page
background image
Page 295
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Communication Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 22.26 G0IRF Register
SI/O Special Communication Interrupt Detect Register 0
(1, 2)
Symbol
Address
After Reset
G0IRF
00FE16
0016
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Function
Bit
Symbol
Reserved Bit
Reserved Bit
Set to "0"
Set to "0"
NOTES:
1. The G0IRF register is used in HDLC data processing mode. Do not use in clock synchronous serial
I/O mode.
2. The SRT0R bit in the IIO4IR register is set to "1" if the BSERR or IRF0 to IRF3 bit is set to "1".
BSERR
(b1 - b0)
(b3)
Bit Stuffing Error
Detect Flag
0 : Not detected
1 : Detected
IRF0
IRF1
IRF2
Interrupt Cause
Determination
Flag 0
IRF3
Interrupt Cause
Determination
Flag 1
Interrupt Cause
Determination
Flag 2
Interrupt Cause
Determination
Flag 3
b7
b6
b5
b4
b3
b2
b1
b0
0 : The G0DR register (receive data register)
does not match the G0CMP0 register
1 : The G0DR register matches the G0CMP0
register
0 : The G0DR register (receive data register)
does not match the G0CMP1 register
1 : The G0DR register matches the G0CMP1
register
0 : The G0DR register (receive data register)
does not match the G0CMP2 register
1 : The G0DR register matches the G0CMP2
register
0 : The G0DR register (receive data register)
does not match the G0CMP3 register
1 : The G0DR register matches the G0CMP3
register
00 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com