Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 317 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 317 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 313Page - Renesas Technology Corp M32C/86T Datasheet HTML 314Page - Renesas Technology Corp M32C/86T Datasheet HTML 315Page - Renesas Technology Corp M32C/86T Datasheet HTML 316Page - Renesas Technology Corp M32C/86T Datasheet HTML 317Page - Renesas Technology Corp M32C/86T Datasheet HTML 318Page - Renesas Technology Corp M32C/86T Datasheet HTML 319Page - Renesas Technology Corp M32C/86T Datasheet HTML 320Page - Renesas Technology Corp M32C/86T Datasheet HTML 321Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 505 page
background image
Page 294
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Communication Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 22.25 G0ERC and G1ERC Registers
SI/O Expansion Receive Control Register i (i=0,1)(1)
Symbol
Address
After Reset
G0ERC, G1ERC
00FD16, 013D16
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Function
Bit
Symbol
NOTES:
1. The GiERC register is used in special communication mode or HDLC data processing mode.
It must be set to "0010 00002" in clock synchronous serial I/O mode.
It must be in a reset state or be set to "0016" in UART mode.
2. When the ACRC bit in the GiEMR register is set to "1" (CRC reset function used), set the CMP3E bit
to "1".
CMP0E
CMP1E
CMP2E
Data Compare
Function 0
Select Bit
CMP3E
RCRCE
RSHTE
RBSF0
RBSF1
Receive CRC
Enable Bit
Receive Shift
Operation
Enable Bit
0 : Not used
1 : Used
0 : Receive shift operation disabled
1 : Receive shift operation enabled
Data Compare
Function 1
Select Bit
Data Compare
Function 2
Select Bit
Data Compare
Function 3
Select Bit
Receive Bit
Stuffing "1" Delete
Select Bit
Receive Bit
Stuffing "0" Delete
Select Bit
0 : "1" is not deleted
1 : "1" is deleted
0 : "0" is not deleted
1 : "0" is deleted
b7
b6
b5
b4
b3
b2
b1
b0
0 : The GiDR register (receive data register) is
not compared with the GiCMP0 register
1 : The GiDR register is compared with the
GiCMP0 register
0 : The GiDR register (receive data register) is
not compared with the GiCMP1 register
1 : The GiDR register is compared with the
GiCMP1 register
0 : The GiDR register (receive data register) is
not compared with the GiCMP2 register
1 : The GiDR register is compared with the
GiCMP2 register
0 : The GiDR register (receive data register) is
not compared with the GiCMP3 register
1 : The GiDR register is compared with the
GiCMP3 register(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com