Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 315 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 315 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 311Page - Renesas Technology Corp M32C/86T Datasheet HTML 312Page - Renesas Technology Corp M32C/86T Datasheet HTML 313Page - Renesas Technology Corp M32C/86T Datasheet HTML 314Page - Renesas Technology Corp M32C/86T Datasheet HTML 315Page - Renesas Technology Corp M32C/86T Datasheet HTML 316Page - Renesas Technology Corp M32C/86T Datasheet HTML 317Page - Renesas Technology Corp M32C/86T Datasheet HTML 318Page - Renesas Technology Corp M32C/86T Datasheet HTML 319Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 505 page
background image
Page 292
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Communication Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 22.23 G0EMR and G1EMR Registers
SI/O Expansion Mode Register 1(1)
Symbol
Address
After Reset
G1EMR
013C16
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Function
Bit
Symbol
NOTES:
1. The G1EMR register is used in special communication mode or HDLC data processing mode. It
must be in a reset state or be set to "0016" in clock synchronous serial I/O mode or UART mode.
2. CRC is reset when data in the G1CMP3 register matches received data.
SMODE
CRCV
ACRC
BSINT
RXSL
TXSL
CRC0
CRC1
Synchronous Mode
Select Bit
Receive Source
Switch Bit
Transmit Source
Switch Bit
0 : Not reset
1 : Reset(2)
0 : Not used
1 : Used
0 : ISRxD1 pin
1 : G1RI register
0 : ISTxD1 pin
1 : G1TO register
0 : Re-synchronous mode not used
1 : Re-synchronous mode
CRC Default Value
Select Bit
0 : Set to "000016"
1 : Set to "FFFF16"
CRC Reset Select Bit
Bit Stuffing Error
Interrupt Select Bit
CRC Generation
Polynomial Select bit
: X
8+X4+X+1
: Do not set to this value
: X
16+X15+X2+1
: X
16+X12+X5+1
b7
0
0
1
1
b6
0
1
0
1
b7
b6
b5
b4
b3
b2
b1
b0
SI/O Expansion Mode Register 0
(1)
Symbol
Address
After Reset
G0EMR
00FC16
0016
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Function
Bit
Symbol
NOTES:
1. The G0EMR register is used in HDLC data processing mode. It must be in a reset state or set to
"0016" in clock synchronous serial I/O mode.
2. CRC is reset when data in the G0CMP3 register matches received data.
Reserved Bit
Set to "0"
RW
CRCV
(b0)
ACRC
BSINT
RXSL
TXSL
CRC0
CRC1
Receive Source
Switch Bit
Transmit Source
Switch Bit
0 : Not reset
1 : Reset(2)
0 : Not used
1 : Used
0 : ISRxD0 pin
1 : G0RI register
0 : ISTxD0 pin
1 : G0TO register
CRC Default Value
Select Bit
0 : Set to "000016"
1 : Set to "FFFF16"
CRC Reset Select Bit
Bit Stuffing Error
Interrupt Select Bit
CRC Generation
Polynomial Select Bit
: X
8+X4+X+1
: Do not set to this value
: X
16+X15+X2+1
: X
16+X12+X5+1
b7
0
0
1
1
b6
0
1
0
1
b7
b6
b5
b4
b3
b2
b1
b0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com