Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 34Page - Renesas Technology Corp M16C/26 Datasheet HTML 35Page - Renesas Technology Corp M16C/26 Datasheet HTML 36Page - Renesas Technology Corp M16C/26 Datasheet HTML 37Page - Renesas Technology Corp M16C/26 Datasheet HTML 38Page - Renesas Technology Corp M16C/26 Datasheet HTML 39Page - Renesas Technology Corp M16C/26 Datasheet HTML 40Page - Renesas Technology Corp M16C/26 Datasheet HTML 41Page - Renesas Technology Corp M16C/26 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 239 page
background image
Renesas Technology Corp.
Clock Generating Circuit
32
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Figure 1.8.4a. Clock control registers 0 and 1
System clock control register 0 (Note 1)
Symbol
Address
When reset
CM0
000616
4816
Bit name
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
CM07
CM05
CM04
CM03
CM02
CM06
WAIT peripheral function
clock stop bit
0 : Do not stop peripheral function clock in wait mode
1 : Stop peripheral function clock in wait mode (Note 8)
XCIN-XCOUT drive capacity
select bit (Note 2)
0 : LOW
1 : HIGH
Port XC select bit
0 : I/O port
1 : XCIN-XCOUT generation (Note 9)
Main clock (XIN-XOUT)
stop bit (Note 3, 4, 5)
0 : On
1 : Off
Main clock division select
bit 0 (Note 7)
0 : CM16 and CM17 valid
1 : Division by 8 mode
System clock select bit
(Note 6)
0 : XIN, XOUT
1 : XCIN, XCOUT
Note 1: Set bit 0 of the protect register (address 000A16) to 1 before writing to this register.
Note 2: Changes to 1 when shifting to stop mode and at a reset.
Note 3: When entering low power dissipation mode, main clock stops by using this bit. To stop the main clock, when the sub clock
oscillation is stable, set system clock select bit (CM07) to 1 before setting this bit to 1 . The main clock division select
bit 0 (CM06) and the XIN-XOUT drive capacity select bit (CM15) change to 1 when this bit is set to 1 .
Note 4: When inputting external clock, only clock oscillation buffer is stopped and clock input is acceptable.
Note 5: If this bit is set to 1 , XOUT turns H . The built-in feedback resistor remains being connected, so XIN turns pulled up to XOUT
( H ) via the feedback resistor.
Note 6: Set port XC select bit (CM04) to 1 and stabilize the sub-clock oscillating before setting this bit from 0 to 1 .
Do not write to both bits at the same time. And also, set the main clock stop bit (CM05) to 0 and stabilize the main clock
oscillating before setting this bit from 1 to 0 .
Note 7: This bit changes to 1 when shifting from high-speed/medium-speed mode to stop mode, shifting to low power dissipation
mode and at a reset. When shifting from high-speed/medium-speed mode to low-speed mode, the value before high-speed/
medium-speed mode is retained.
Note 8: fC32 is not included. Do not set to 1 when using low-speed or low power dissipation mode.
Note 9: When the XCIN/XCOUT is used, set ports P86 and P87 as the input ports without pull-up.
Note 10: When setting this bit to "0", XCIN-XCOUT drive capacity select bit becomes "1".
System clock control register 1 (Note 1)
Symbol
Address
When reset
CM1
000716
2016
Bit name
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
CM10
All clock stop control bit
(Note4)
0 : Clock on
1 : All clocks off (stop mode)
Note 1: Set bit 0 of the protect register (address 000A16) to 1 before writing to this register.
Note 2: This bit changes to 1 when shifting from high-speed/medium-speed mode to stop mode, shifting to low power dissipation
mode and at a reset. When shifting from high-speed/medium-speed mode to low-speed mode, the value before high-speed/
medium-speed mode is retained.
Note 3: Can be selected when bit 6 of the system clock control register 0 (address 000616) is 0 . If 1 , division mode is fixed at 8.
Note 4: If this bit is set to 1 , XOUT turns H , and the built-in feedback resistor is cut off. XCIN and XCOUT turn high-impedance state.
CM15
XIN-XOUT drive capacity
select bit (Note 2)
0 : LOW
1 : HIGH
W
R
W
R
CM16
CM17
Main clock division
select bit 1 (Note 3)
0 0 : No division mode
0 1 : Division by 2 mode
1 0 : Division by 4 mode
1 1 : Division by 16 mode
b7 b6
0
0 0
(Note 10)
Reserved bit
Must always be set to 0
0
Reserved bit
Must always be set to 0
Reserved bit
Must always be set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com