Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 37Page - Renesas Technology Corp M16C/26 Datasheet HTML 38Page - Renesas Technology Corp M16C/26 Datasheet HTML 39Page - Renesas Technology Corp M16C/26 Datasheet HTML 40Page - Renesas Technology Corp M16C/26 Datasheet HTML 41Page - Renesas Technology Corp M16C/26 Datasheet HTML 42Page - Renesas Technology Corp M16C/26 Datasheet HTML 43Page - Renesas Technology Corp M16C/26 Datasheet HTML 44Page - Renesas Technology Corp M16C/26 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 239 page
background image
Oscillation Stop Detection
35
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
b7
b6
b5
b4
b3
b2
b1
b0
RW
Oscillation stop detection register (Note 1)
Symbol
Address
When reset
CM2
000C
16
0X0000002
Bit name
Function
Bit symbol
(Note 10)
Note 1: Write to this register after setting bit PRC0, of register PRCR, to "1" (write enable).
Note 2: CM21 is set to "1" (ring oscillator clock) when the main clock is stopped, and the following conditions exist:
• CM20 is "1" (oscillation stop, re-oscillation detection function enabled).
• CM27 is "1" (oscillation stop, re-oscillation detection interrupt).
• CPU clock source is the main clock.
Note 3: If CM20 is "1", and CM23 is "1" (main clock turned off), do not set CM21 to "0".
Note 4: This bit is set to "1" by main clock stop detection and re-oscillation detection. Each oscillation stop, re-oscillation
detection interrupt must correspond to a "0" to "1" transition of CM22. Once an interrupt is received, the bit can
only be cleared via an explicit "0" write operation. Otherwise, further interrupts will be disabled. Only "0" writes can
affect the bit value. CM22 is also used as a means for distinguishing between those interrupts caused by the
oscillation stop, re-oscillation detection circuitry, and those initiated by the watchdog timer.
Note 5: Read CM23 in an oscillation stop, re-oscillation detection interrupt handling routine to determine the main
clock status.
Note 6: Effective when bit CM07, of register CM0, is "0".
Note 7: When bit PM21, of register PM2, is "1" (clock modification disabled), writing to CM20 has no effect.
Note 8: Set CM20 to "0" (disable) before entering stop mode. After exiting stop mode, set CM20 back to "1" (enable).
Note 9: Set CM20 to "0" (disable) before setting bit CM05, of register CM0.
Note 10: CM20, CM21, and CM27 do not change at oscillation stop detection reset.
CM20
0 : Oscillation stop, re-oscillation
detection function is disabled.
1 : Oscillation stop, re-oscillation
detection function enabled.
Oscillation stop, re-
oscillation detection bit
(Notes 7, 8, 9, 10)
CM23
0 : Main clock oscillating
1 : Main clock turned off
XIN monitor flag (Note 5)
Nothing is assigned. Writes must set to "0". Reads are indeterminate.
CM27
0 : Reset
1 : Oscillation stop, re-oscillation
detection interrupt
Operation select bit
(when an oscillation stop,
re-oscillation is detected)
(Note 10)
0 0
CM21
CPU clock switch bit
(Notes 2, 3, 6, 10)
0 : Main clock (Ring oscillator
turned off
1 : Ring oscillator clock
(Ring oscillator oscillating)
CM22
Oscillation stop, re-
oscillation detection flag
(Note 4)
0 : Main clock stop, re-oscillation
not detected
1 : Main clock stop, re-oscillation
detected
Reserved bit
Must always be set to "0".
Figure 1.8.6. Oscillation stop detection register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com