Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 25Page - Renesas Technology Corp M16C/26 Datasheet HTML 26Page - Renesas Technology Corp M16C/26 Datasheet HTML 27Page - Renesas Technology Corp M16C/26 Datasheet HTML 28Page - Renesas Technology Corp M16C/26 Datasheet HTML 29Page - Renesas Technology Corp M16C/26 Datasheet HTML 30Page - Renesas Technology Corp M16C/26 Datasheet HTML 31Page - Renesas Technology Corp M16C/26 Datasheet HTML 32Page - Renesas Technology Corp M16C/26 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 239 page
background image
Special Function Registers
23
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Figure 1.6.4. Location of peripheral unit control registers (4)
TA4
TA3
TA2
TA1
TA0
UDF
TRGSR
ONSF
CPSRF
TABSR
TB2SC
TB2MR
TB1MR
TB0MR
TA4MR
TA3MR
TA2MR
TA1MR
TA0MR
TB2
TB1
TB0
DM1SL
DM0SL
UCON
U0RB
U0C1
U0C0
U0TB
U0BRG
U0MR
?
Value indeterminate at reset
0
reset value is zero
1
reset value is one
1
reserved bit, must write to one
0
reserved bit, must write to zero
Nothing is mapped to this bit
(value is indeterminate when read)
Reserved address, do not write
Address
Value after Reset
?
?
0
0
0
0
0
0
0
0
0
0
0
0
0
0
?
0
0
0
1
0
0
0
0
0
1
0
0
0
0
0
0
?
?
?
?
?
?
?
Acronym
U1RB
U1C1
U1C0
U1TB
U1BRG
U1MR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
?
?
0
0
0
0
0
0
?
0
0
0
0
0
0
?
0
0
0
0
0
0
0
0
0
0
0
?
?
0
?
0
0
0
1
0
0
0
0
0
1
0
0
0
0
0
0
?
?
?
?
?
?
?
0
0
0
0
0
0
03BF
16
03BE
16
03BD
16
03BC
16
03BB
16
03BA
16
03B9
16
03B8
16
03B7
16
03B6
16
03B5
16
03B4
16
03B3
16
03B2
16
03B1
16
03B0
16
03AF
16
03AE
16
03AD
16
03AC
16
03AB
16
03AA
16
03A9
16
03A8
16
03A7
16
03A6
16
03A5
16
03A4
16
03A3
16
03A2
16
03A1
16
03A0
16
039F
16
039E
16
039D
16
039C
16
039B
16
039A
16
0399
16
0398
16
0397
16
0396
16
0395
16
0394
16
0393
16
0392
16
0391
16
0390
16
038F
16
038E
16
038D
16
038C
16
038B
16
038A
16
0389
16
0388
16
0387
16
0386
16
0385
16
0384
16
0383
16
0382
16
0381
16
0380
16
Timer A4 register (high)
Timer A4 register (low)
Timer A3 register (high)
Timer A3 register (low)
Timer A2 register (high)
Timer A2 register (low)
Timer A1 register (high)
Timer A1 register (low)
Timer A0 register (high)
Timer A0 register (low)
Up/down flag
Trigger select register
One-shot start flag
Clock prescaler reset flag
Count start flag
Timer B2 special mode register
Timer B2 mode register
Timer B1 mode register
Timer B0 mode register
Timer A4 mode register
Timer A3 mode register
Timer A2 mode register
Timer A1 mode register
Timer A0 mode register
Timer B2 register (high)
Timer B2 register (low)
Timer B1 register (high)
Timer B1 register (low)
Timer B0 register (high)
Timer B0 register (low)
UART0 receive buffer register (high)
UART0 receive buffer register (low)
UART0 transmit/receive control register 1
UART0 transmit/receive control register 0
UART0 transmit buffer register (high)
UART0 transmit buffer register (low)
UART0 bit rate generator
UART0 transmit/receive mode register
DMA1 request cause select register
DMA0 request cause select register
UART transmit/receive control register 2
Register Name
UART1 receive buffer register (high)
UART1 receive buffer register (low)
UART1 transmit/receive control register 1
UART1 transmit/receive control register 0
UART1 transmit buffer register (high)
UART1 transmit buffer register (low)
UART1 bit rate generaT1r
UART1 transmit/receive mode register
0 0 0 0 0 0 0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com