Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 6Page - Renesas Technology Corp M16C/26 Datasheet HTML 7Page - Renesas Technology Corp M16C/26 Datasheet HTML 8Page - Renesas Technology Corp M16C/26 Datasheet HTML 9Page - Renesas Technology Corp M16C/26 Datasheet HTML 10Page - Renesas Technology Corp M16C/26 Datasheet HTML 11Page - Renesas Technology Corp M16C/26 Datasheet HTML 12Page - Renesas Technology Corp M16C/26 Datasheet HTML 13Page - Renesas Technology Corp M16C/26 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 239 page
background image
Description
5
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
M16C Family Group
Figure 1.3 shows the type number, memory size and package for the M16C/26 group.
Tables 1.2a, 1.2b, and 1.2c list package, memory, and product marking information for configurations
of the M16C/26 group.
Figure 1.3. M3026x Product Family
Table 1.2a. Product list
Type No.
Package Type
RAM
Capacity
Flash ROM
Virtual EEPROM
Flash
M30262F3GP
48 LQFP (48P6Q)
1024 bytes
24 Kbyte (8K x 3)
4 Kbyte (2 Kbyte x 2)
M30262F4GP
32 Kbyte (16K x 1, 8K x 2)
M30262F6GP
2048 bytes
48 Kbyte (16K x 2, 8K x 2)
M30262F8GP
64 Kbyte (32K x 1, 16K x 1, 8K x 2)
Type No.
M30 26 2 F 4 GP
M16C Family
Memory type:
F: Flash memory version
ROM size:
3: 24K + 4K bytes
4: 32K + 4K bytes
8: 64K + 4K bytes
Package Type:
GP: Package LQFP
6: 48K + 4K bytes
M16C/26 Group
Indicates pin count, etc.
(The value has no specific meaning.)
Table 1.2b. Microcomputer versus Flash Erase/Write (E/W) Operating Ranges
Product
Code
Microcomputer
operating
temperature
E/W cycles
D3
1,000
D5
D7
D9
100
1,000
100
-20C to 85C
0C to 60C
-40C to 85C
-20C to 85C
0C to 60C
-40C to 85C
Temperature
range
E/W cycles
Package
non-Pb free
Pb free
U3
U5
U7
U9
Internal ROM Block (0,1,2,3) Internal ROM Block (A,B)
Temperature
range
10,000
100
10,000
100
0C to 60C
-40C to 85C
-20C to 85C
-40C to 85C
-20C to 85C
-40C to 85C
-20C to 85C
-40C to 85C
-20C to 85C
★
★: under planning
★
★
★



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com