Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 66Page - Renesas Technology Corp M16C/26 Datasheet HTML 67Page - Renesas Technology Corp M16C/26 Datasheet HTML 68Page - Renesas Technology Corp M16C/26 Datasheet HTML 69Page - Renesas Technology Corp M16C/26 Datasheet HTML 70Page - Renesas Technology Corp M16C/26 Datasheet HTML 71Page - Renesas Technology Corp M16C/26 Datasheet HTML 72Page - Renesas Technology Corp M16C/26 Datasheet HTML 73Page - Renesas Technology Corp M16C/26 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 239 page
background image
Renesas Technology Corp.
Watchdog Timer
64
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Watchdog Timer
The watchdog timer has the function of detecting when the program is out of control. Therefore, we recom-
mend using the watchdog timer to improve reliability of a system. The watchdog timer is a 15-bit counter
which down-counts the clock derived by dividing the BCLK using the prescaler. Whether a watchdog timer
interrupt is generated or reset is selected when an underflow occurs in the watchdog timer. When the
watchdog timer interrupt is selected, write to the watchdog timer start register after the watchdog timer
interrupt occurs (initialize watchdog timer). Watchdog timer interrupt is selected when bit 2 (PM12) of the
processor mode register 1 (address 000516) is “0” and reset is selected when PM12 is “1”. No value other
than “1” can be written in PM12. Once when reset is selected (PM12=“1”), watchdog timer interrupt cannot
be selected by software.
When XIN is selected for the BCLK
, bit 7 of the watchdog timer control register (address 000F16) selects the
prescaler division ratio (by 16 or by 128). When XCIN is selected as the BCLK, the prescaler is set for
division by 2 regardless of bit 7 of the watchdog timer control register (address 000F16). Thus the watch-
dog timer's period can be calculated as given below. The watchdog timer's period is, however, subject to an
error due to the prescaler.
For example, suppose that BCLK runs at 16 MHz and that 16 has been chosen for the dividing ratio of the
prescaler, then the watchdog timer's period becomes approximately 32.8 ms.
The watchdog timer is initialized by writing to the watchdog timer start register (address 000E16) and when
a watchdog timer interrupt request is generated. The prescaler is initialized only when the microcomputer
is reset. After a reset is cancelled, the watchdog timer and prescaler are both stopped. The count is started
by writing to the watchdog timer start register (address 000E16). In stop mode, wait mode and hold state,
the watchdog timer and prescaler are stopped. Counting is resumed from the held value when the modes
or state are released.
Also PM12 is initialized only when reset. The watchdog timer interrupt is selected after reset is cancelled.
Figure 1.10.1 shows the block diagram of the watchdog timer. Figure 1.10.2 shows the watchdog timer-
related registers.
With XIN chosen for BCLK
Watchdog timer period =
prescaler dividing ratio (16 or 128) X watchdog timer count (32768)
BCLK
With XCIN chosen for BCLK
Watchdog timer period =
prescaler dividing ratio (2) X watchdog timer count (32768)
BCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com