Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 10Page - Renesas Technology Corp M16C/26 Datasheet HTML 11Page - Renesas Technology Corp M16C/26 Datasheet HTML 12Page - Renesas Technology Corp M16C/26 Datasheet HTML 13Page - Renesas Technology Corp M16C/26 Datasheet HTML 14Page - Renesas Technology Corp M16C/26 Datasheet HTML 15Page - Renesas Technology Corp M16C/26 Datasheet HTML 16Page - Renesas Technology Corp M16C/26 Datasheet HTML 17Page - Renesas Technology Corp M16C/26 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 239 page
background image
Renesas Technology Corp.
Memory
8
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Figure 1.4.1. Memory map
Functional Block Operation
The M16C/26 group accommodates certain units in a single chip. These units include ROM and
RAM to store instructions and data and the central processing unit (CPU) to execute arithmetic/
logic operations. Also included are peripheral units such as timers, serial I/O, A-D converter, and
I/O ports.
Memory
Figure 1.4.1 is a memory map of the M16C/26 group. The linear address space of 1M bytes extends
from address 0000016 to FFFFF16. From FFFFF16 down is ROM. For example, in the M30262F4, there
is 32K bytes of internal ROM from F800016 to FFFFF16. The vector table for fixed interrupts such as the
reset and NMI are mapped to FFFDC16 to FFFFF16. The starting address of the interrupt routine is
stored here. The address of the vector table for timer interrupts, etc., can be set as desired using the
internal register (INTB). See the section on interrupts for details.
From 0040016 up is RAM. For example, in the M30262F4, 1K bytes of internal RAM is mapped to the
space from 0040016 to 07FF16. In addition to storing data, the RAM also stores the stack used when
calling subroutines and when interrupts are generated.
These devices also contain two blocks of Flash ROM as Virtual EEPROM memory to store data. These
2 blocks of 2K bytes are located from 0F00016 to 0FFFF16 on all versions.
The SFR area is mapped from 0000016 to 003FF16. This area accommodates the control registers for
peripheral devices such as I/O ports, A-D converter, serial I/O, and timers, etc. Any part of the SFR
area that is not occupied is reserved and cannot be used for other purposes.
SFR area
Internal RAM area
RESERVED
Virtual EEPROM
Virtual EEPROM
RESERVED
Flash ROM
Special Page
Vector Table
Undefined Instruction
Overflow
Break Instruction
Address Match
Single Step
Watchdog Timer
DBC
NMI
Reset
Hardware
Vectors
FFE00
16
FFFDC
16
FFFFF
16
FFFFF
16
YYYYY
16
10000
16
0F000
16
0F800
16
XXXXX
16
00400
16
00000
16
Ty pe N o .
A dd r e s s XX XX X
16
A d d r e s s YYYYY
16
M 3 02 62 F3G P
00 7FF
16
FA 0 0 0
16
M 3 02 62 F4G P
00 7FF
16
F8 00 0
16
M 3 02 62 F6G P
0 0 BFF
16
F4 00 0
16
M 3 02 62 F8G P
0 0 BFF
16
F0 00 0
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com