Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 43Page - Renesas Technology Corp M16C/26 Datasheet HTML 44Page - Renesas Technology Corp M16C/26 Datasheet HTML 45Page - Renesas Technology Corp M16C/26 Datasheet HTML 46Page - Renesas Technology Corp M16C/26 Datasheet HTML 47Page - Renesas Technology Corp M16C/26 Datasheet HTML 48Page - Renesas Technology Corp M16C/26 Datasheet HTML 49Page - Renesas Technology Corp M16C/26 Datasheet HTML 50Page - Renesas Technology Corp M16C/26 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 239 page
background image
Power Control
41
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Power control
The following is a description of the three available power control modes:
Modes
Power control is available in three modes.
(a) Normal operation mode
• High-speed mode
Divide-by-1 frequency of the main clock becomes the BCLK. The CPU operates with the BCLK.
Each peripheral function operates according to its assigned clock.
• Medium-speed mode
Divide-by-2, divide-by-4, divide-by-8, or divide-by-16 frequency of the main clock becomes the BCLK.
The CPU operates with the BCLK. Each peripheral function operates according to its assigned clock.
• Low-speed mode
fC becomes the BCLK. The CPU operates according to the fC clock. The fC clock is supplied by the
subclock. Each peripheral function operates according to its assigned clock.
• Low power dissipation mode
The main clock operating in low-speed mode is stopped. The CPU operates according to the fC
clock. The fC clock is supplied by the subclock. The only peripheral functions that operate are
those with the subclock selected as the count source.
• Ring oscillator mode
The ring oscillator clock divided by 1 (undivided), 2, 4, 8, or 16 provides BCLK. The ring oscillator
clock is also the clock source for the peripheral function clocks. If the sub-clock is on, fC32 can be
used as the count source for timers A and B.
• Ring oscillator low power dissipation mode
The main clock is turned off after being placed in ring oscillator mode. The CPU clock can be selected as
in the ring oscillator mode. The ring oscillator clock is the clock source for the peripheral function clocks.
If the sub-clock is on, fC32 can be used as the count source for timers A and B. When the operation
mode is returned to the high and medium speed modes, set the CM06 bit to “1” (divided by 8 mode).
(b) Wait mode
The CPU operation is stopped. The oscillators do not stop.
(c) Stop mode
All oscillators stop. The CPU and all built-in peripheral functions stop. This mode, among the three
modes listed here, is the most effective in decreasing power consumption.
Table 1.8.4. Oscillation state in each mode
Figure 1.8.8 is the state transition diagram of the above modes.
N
I
XN
I
C
Xg
n
i
R
8
-
y
b
-
e
d
i
v
i
d
(
e
d
o
m
d
e
e
p
s
-
m
u
i
d
e
M
)
d
e
s
a
e
l
e
r
t
e
s
e
r
r
e
t
f
a
y
c
n
e
u
q
e
r
f
K
L
C
BF
F
OF
F
O
d
e
e
p
s
-
m
u
i
d
e
m
/
h
g
i
H
K
L
C
BF
F
O
/
N
OF
F
O
/
N
O
e
d
o
m
d
e
e
p
s
-
w
o
LN
O
K
L
C
BF
F
O
e
d
o
m
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
w
o
LF
F
O
K
L
C
BF
F
O
e
d
o
m
r
o
t
a
ll
i
c
s
o
g
n
i
RF
F
O
/
N
OF
F
O
/
N
O
K
L
C
B
r
e
w
o
p
w
o
l
r
o
t
a
ll
i
c
s
o
g
n
i
R
e
d
o
m
n
o
i
t
a
p
i
s
s
i
d
F
F
OF
F
O
/
N
O
K
L
C
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com