Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 24Page - Renesas Technology Corp M16C/26 Datasheet HTML 25Page - Renesas Technology Corp M16C/26 Datasheet HTML 26Page - Renesas Technology Corp M16C/26 Datasheet HTML 27Page - Renesas Technology Corp M16C/26 Datasheet HTML 28Page - Renesas Technology Corp M16C/26 Datasheet HTML 29Page - Renesas Technology Corp M16C/26 Datasheet HTML 30Page - Renesas Technology Corp M16C/26 Datasheet HTML 31Page - Renesas Technology Corp M16C/26 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 239 page
background image
Renesas Technology Corp.
Special Function Registers
22
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Figure 1.6.3. Location of peripheral unit control registers (3)
ICTB2
DTT
IDB1
IDB0
INVC1
INVC0
TA41
TA21
TA11
IFSR
U2RB
U2C1
U2C0
U2TB
U2BRG
U2MR
U2SMR
U2SMR2
U2SMR3
U2SMR4
?
Value indeterminate at reset
0
reset value is zero
1
reset value is one
1
reserved bit, must write to one
0
reserved bit, must write to zero
Nothing is mapped to this bit
(value is indeterminate when read)
?
?
Reserved address, do not write
Address
Value after Reset
?
?
?
?
0
0
0
0
0
0
Acronym
0
0
0
0
0
0
0
0
?
?
?
?
?
?
0
0
0
0
0
0
0
0
0
0
0
0
0
0
?
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
?
0
0
0
1
0
0
0
0
0
1
0
0
0
0
0
0
?
?
?
?
?
?
?
037F
16
037E
16
037D
16
037C
16
037B
16
037A
16
0379
16
0378
16
0377
16
0376
16
0375
16
0374
16
0373
16
0372
16
0371
16
0370
16
036F
16
036E
16
036D
16
036C
16
036B
16
036A
16
0369
16
0368
16
0367
16
0366
16
0365
16
0364
16
0363
16
0362
16
0361
16
0360
16
035F
16
035E
16
035D
16
035C
16
035B
16
035A
16
0359
16
0358
16
0357
16
0356
16
0355
16
0354
16
0353
16
0352
16
0351
16
0350
16
034F
16
034E
16
034D
16
034C
16
034B
16
034A
16
0349
16
0348
16
0347
16
0346
16
0345
16
0344
16
0343
16
0342
16
0341
16
0340
16
Timer B2 interrupt occurrences frequency set counter
Dead time timer
Three-phase output buffer register 1
Three-phase output buffer register 0
Three-phase PWM control register 1
Three-phase PWM control register 0
Timer A4-1 register (high)
Timer A4-1 register (low)
Timer A2-1 register (high)
Timer A2-1 register (low)
Timer A1-1 register (high)
Timer A1-1 register (low)
Register Name
Interrupt request cause select register
UART2 receive buffer register (high)
UART2 receive buffer register (low)
UART2 transmit/receive control register 1
UART2 transmit/receive control register 0
UART2 transmit buffer register (high)
UART2 transmit buffer register (low)
UART2 bit rate generator
UART2 transmit/receive mode register
UART2 special mode register
UART2 special mode register 2
UART2 special mode register 3
UART2 special mode register 4
0 0
0 0
? ? ? ?
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com