Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 36Page - Renesas Technology Corp M16C/26 Datasheet HTML 37Page - Renesas Technology Corp M16C/26 Datasheet HTML 38Page - Renesas Technology Corp M16C/26 Datasheet HTML 39Page - Renesas Technology Corp M16C/26 Datasheet HTML 40Page - Renesas Technology Corp M16C/26 Datasheet HTML 41Page - Renesas Technology Corp M16C/26 Datasheet HTML 42Page - Renesas Technology Corp M16C/26 Datasheet HTML 43Page - Renesas Technology Corp M16C/26 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 239 page
background image
Renesas Technology Corp.
Oscillation Stop Detection
34
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Oscillation Stop Detection Function
The oscillation stop detection function detects abnormal stopping of the clock by causes such as opening
and shorting of the XIN oscillation circuit. When oscillation stop is detected, either an internal reset or an
oscillation stop detection interrupt is generated. The selection depends on the value in the bit 7 of the
oscillation stop detection register (address 000C16). When an oscillation stop detection interrupt is gener-
ated, the ring oscillator in the microcomputer operates automatically and is used as the system clock in
place of the XIN clock. This allows interrupt processing.
The oscillation stop detection function can be enabled/disabled with bit 0 of the oscillation stop detection
register. When this bit is set to “1,” the function is enabled. After the reset is released, the oscillation stop
detection function becomes disabled because the bit value is “0.”
Table 1.8.2 gives an specification overview of the oscillation stop detection function, Figure 1.8.5 is a
configuration diagram of the oscillation stop detection circuit and Figure 1.8.6 shows the configuration of
the oscillation stop detection register.
Table 1.8.2. Specification overview of the oscillation stop detection function
Item
Specification
Oscillation stop detectable clock
f(XIN)
³ 2 MHz
and frequency bandwidth
Enabling condition for oscillation
When the oscillation stop detection bit (bit 0 of address 000C16)
stop detection function
is set to “1”
Operation at oscillation stop,
• Internal reset occurs (when bit CM27 = "0")
re-oscillation detection
• Oscillation stop, re-oscillation detection interrupt occurs (when bit
CM27 = “1”)
Notes on STOP mode
Before setting up the stop mode, write “0” in the oscillation stop
detection enable bit to disable the oscillation stop detection function.
Write "1" in the bit again after the stop mode is.
XIN
CM21, CM20
11
01
CM07
0
1
#:When XIN is supplied, this repeats charge and discharge with pulses by XIN edge detection.
When XIN is not supplied, this continues charging. When the charge exceeds a certain level,
it regards the oscillation as stopped.
Pulse generation
circuit for clock
edge detection
and charge/
discharge control
Charge/
discharge
circuit
Oscillation stop
detection interrupt
generating circuit
Ring oscillator
Watchdog
timer
interrupt
To the CPU
Main clock
To the main clock
division circuit
Main clock switch control
Internal reset
Internal reset
generating circuit
Figure 1.8.5. Oscillation stop detection circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com