Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 18Page - Renesas Technology Corp M16C/26 Datasheet HTML 19Page - Renesas Technology Corp M16C/26 Datasheet HTML 20Page - Renesas Technology Corp M16C/26 Datasheet HTML 21Page - Renesas Technology Corp M16C/26 Datasheet HTML 22Page - Renesas Technology Corp M16C/26 Datasheet HTML 23Page - Renesas Technology Corp M16C/26 Datasheet HTML 24Page - Renesas Technology Corp M16C/26 Datasheet HTML 25Page - Renesas Technology Corp M16C/26 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 239 page
background image
Reset
16
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Figure 1.5.6. VCR1, VCR2, and D4INT registers
Note 2: To use the VCR1 register’s VC13 bit or D4INT register’s D42 bit, set the VC27 bit to “1” (VDET4 detection circuit enabled).
e 1)
VC13
Power supply detection register 1
SymbolAddressAfter reset
VCR1001916
000010002
Bit name
F unction
Bit symbol
RW
b7b6b5b4b3b2b1b0
Power supply detection register 2 (Not
SymbolAddressAfter reset
VCR2001A16
0016
Bit name
Bit symbol
b7b6b5b4b3b2b1b0
Note 1: Write to this register after the PRCR register’s PRC3 bit is set to “1” (write enabled).
0: VCC < VDET4
1: VCC
≥ VDET4
D40
Power supply VDET4 detection register (Note 1)
Symbol
Address
After reset
D4INT
001F16
0016
Bit name
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
VC26
VC27
0 :
Disable
1 :
Enable
D41
STOP mode deactivation
control bit
(Note 4)
0: Disable (do not use the VDET4
detection interrupt to get out
of stop mode)
1: Enable (use the VDET4
detection interrupt to get out
of stop mode)
D42
VDET4 up/down detection flag
(Note 2)
0: Not detected
1: VDET4 up/down detected
D43
WDT overflow
detected
flag
0: Not detected
1: Detected
DF0
Sampling clock select
bit
00 : BCLK divided by 8
01 : BCLK divided by 16
10 : BCLK divided by 32
11 : BCLK divided by 64
DF1
Note 1: Write to this register after the PRCR register’s PRC3 bit is set to “1” (write enabled).
Note 3: This bit is cleared to “0” by writing a “0” in a program. (Writing a “1” has no effect.)
Note 4: If the VDET4 detection interrupt needs to be used to get out of stop mode again after once used for that
purpose, reset the D41 bit by writing a 0 and then a 1.
b5b4
RO
RW
RW
RW
RW
RW
RW
RW
RW
(Note
3)
RW
RW
RW
(b7-b6)
0000
000
000000
RW
RW
Function
Function
Reserved bit
Reserved bit
Set to “0”
Set to “0”
Reserved bit
Set to “0”
Power supply VDET3 monitor
bit
Power supply VDET4 monitor
bit (Note 2)
0: Disables detection circuit
1: Enables detection circuit
(Note
3)
Nothing is assigned. In an attempt to write to these bits, write
“0”. The value, if read, turns out to be “0”.
VDET4 power supply
monitor flag (Note)
Note: The VC13 bit is useful when the VCR2 register's VC27 bit = 1 (VDET4 detection circuit enabled).
The VC13 bit is always 1 (VCC
≥ VDET4) when the VCR2 register's VC27 bit = 0 (VDET4 detection circuit disabled).
0: Disables detection circuit
1: Enables detection circuit
VDET4 detection interrupt
enable bit.
Note 2: Useful when the VCR2 register's VC27 bit = 1 (VDET4 detection circuit enabled). If the VC27 bit is cleared
to 0 (VDET4 detection circuit disabled), the D42 bit is set to 0 (Not detected).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com