Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 42Page - Renesas Technology Corp M16C/26 Datasheet HTML 43Page - Renesas Technology Corp M16C/26 Datasheet HTML 44Page - Renesas Technology Corp M16C/26 Datasheet HTML 45Page - Renesas Technology Corp M16C/26 Datasheet HTML 46Page - Renesas Technology Corp M16C/26 Datasheet HTML 47Page - Renesas Technology Corp M16C/26 Datasheet HTML 48Page - Renesas Technology Corp M16C/26 Datasheet HTML 49Page - Renesas Technology Corp M16C/26 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 239 page
background image
Renesas Technology Corp.
Status Transition of BCLK
40
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Table 1.8.3. Operating modes dictated by settings of system clock control registers 0, 1, and 2
Modes
CM2 register
CM21
CM1 register
CM11
CM17, CM16
CM0 register
CM07
CM06
CM05
CM04
High-speed mode
0
0
002
00
0
Midium-
speed
mode
00
012
00
0
00
102
00
0
divided by 2
00
0
1
0
00
112
00
0
Low-speed mode
1
0
1
Low power dissipation mode
1
1(Note 1)
1
Ring
oscillator
mode
1
divided by 4
divided by 8
divided by 16
Ring oscillator low power
dissipation mode
Note 1: When set the CM05 bit to “1” (main clock turned off), CM06 bit become “1” (divided by 8 mode).
Note 2: The divide-by-n value can be selected the same way as in ring oscillator mode.
0
10
12
00
0
11
02
00
0
10
1
0
11
12
00
0
10
02
00
0
(Note 2)
divided by 2
divided by 4
divided by 8
divided by 16
divided by 1
1(Note 1)
1
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com