Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 20Page - Renesas Technology Corp M16C/26 Datasheet HTML 21Page - Renesas Technology Corp M16C/26 Datasheet HTML 22Page - Renesas Technology Corp M16C/26 Datasheet HTML 23Page - Renesas Technology Corp M16C/26 Datasheet HTML 24Page - Renesas Technology Corp M16C/26 Datasheet HTML 25Page - Renesas Technology Corp M16C/26 Datasheet HTML 26Page - Renesas Technology Corp M16C/26 Datasheet HTML 27Page - Renesas Technology Corp M16C/26 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 239 page
background image
Reset
18
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Voltage detection circuit
A VDET4 detection interrupt request is generated when the input voltage of the VCC pin rises over
VDET4 or drops under VDET4 while the D40 bit of the D4INT register is equal to “1” (VDET4 detection
interrupt enabled). The VDET4 detection interrupt shares the interrupt vector with the watchdog
timer and oscillation stop detection interrupts.
To use the VDET4 detection interrupt as a way to get out of stop mode, set D41 bit of the D4INT
register to “1” (enabled) prior to going into stop mode.
D42 bit of the the D4INT register is set to “1” when an input voltage over or under VDET4 is de-
tected. A VDET4 detection interrupt is generated when the D42 bit changes state from “0” to “1”.
The D42 bit needs to be cleared to “0" in the program. However, while in stop mode, if the input
voltage goes over VDET4 when the D41 bit is equal to “1”, a VDET4 detection interrupt is generated
regardless of the value of D42, which causes the microcomputer to get out of stop mode.
Table 1.5.2 shows the conditions under which a VDET4 detection interrupt request is generated.
The sampling clock, used for detecting when the input voltage goes over or under VDET4, is set
using the DF1 and DF0 bits of the D4INT register. Table 1.5.3 shows the sampling clock periods.
Precautions
1. Limitations on stop mode
With the VC13 bit of the VCR1 register equal to “1” (VCC
³ VDET4), VC27 bit of the VCR2 register
equal to “1” (VDET4 detection circuit enabled), and D40 bit of the D4INT register equal to “1” (VDET4
detection interrupt enabled), if the CM10 bit of the CM1 register is set to “1” (stop mode), a VDET4
detection interrupt is immediately generated, causing the microcomputer to get out of stop mode.
In systems where the microcomputer enters the stop mode when the input voltage in the VCC pin
drops under VDET4 and exits from stop mode when the input voltage goes over VDET4, ensure that
the CM10 bit is set to “1” when VC13 = “0” (VCC < VDET4)
Table 1.5.2. VDET4 detection interrupt request generation conditions
Table 1.5.3. Sampling clock periods
VC27 bit
Normal
operation
mode (Note 1)
0 to 1
0
Stop mode
(Note 4)
1
Wait mode
(Note 4)
operation mode
D40 bit
D41 bit
D42 bit
CM02 bit
VC13 bit
0 to 1
0 to 1 (Note 3)
1 to 0 (Note 3)
0
1
0 to 1 (Note 3)
1 to 0 (Note 3)
0 to 1
0 to 1
1
1
(Note 2)
Note 1: The status is handled as normal mode when not in wait or stop modes. (Refer to "Clock
Generating Circuit".)
Note 2: "
" implies either "0" or "1".
Note 3: An interrupt request for voltage reduction is generated a sampling time after the value of
the VC13 bit has changed. Refer to Figure 1.5.9 "VDET4 detection interrupt generation circuit
operation example" for details.
Note 4: Refer to "Limitations on stop mode", "Limitations on wait instructions with peripheral clocks
turned off".
DF1 to DF0=10
(BCLK divided by 32)
BCLK
(MHz)
Sampling time (µs)
16
3.0
6.0
12.0
24.0
DF1 to DF0=00
(BCLK divided by 8)
DF1 to DF0=01
(BCLK divided by 16)
DF1 to DF0=11
(BCLK divided by 64)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com