Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 4Page - Renesas Technology Corp M16C/26 Datasheet HTML 5Page - Renesas Technology Corp M16C/26 Datasheet HTML 6Page - Renesas Technology Corp M16C/26 Datasheet HTML 7Page - Renesas Technology Corp M16C/26 Datasheet HTML 8Page - Renesas Technology Corp M16C/26 Datasheet HTML 9Page - Renesas Technology Corp M16C/26 Datasheet HTML 10Page - Renesas Technology Corp M16C/26 Datasheet HTML 11Page - Renesas Technology Corp M16C/26 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 239 page
background image
Description
3
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Block Diagram
Figure 1.2 shows a block diagram of the M16C/26 group device.
Figure 1.2. M16C/26 group block diagram
I/O Ports
Port P1
3
Port P6
8
Port P8
7
Port P9
4
Internal Peripheral Functions
Timer
Timer A0 (16 bits)
Timer A1 (16 bits)
Timer A2 (16 bits)
Timer A3 (16 bits)
Timer A4 (16 bits)
Timer B0 (16 bits)
Timer B1 (16 bits)
Timer B2 (16 bits)
Watchdog Timer
A-D converter
(10bits x 8 channels)
U(S)ART/SIO
0
Serial Ports
System Clock Generator
Xin-Xout
Xcin-Xcout
Ring Oscillator
M16C/60 series 16-bit CPU Core
R0L
R0H
R1L
R1H
R2
R3
A0
A1
FR
R0L
R0H
R1L
R1H
R2
R3
A0
A1
FR
Registers
SB
PC
ISP
USP
Program Counter
Stack Pointers
INTR
Vector Table
FLG
Flag Register
Memory
Multiplier
Flash ROM
RAM
U(S)ART/SIO
1
Port P7
8
U(S)ART/SIO/I2C
2
Port P10
8
3-phase PWM
Flash ROM
(Virtual EEPROM)
DMAC
(2 channels)
Brown-out
Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com