Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 96Page - Renesas Technology Corp M16C/26 Datasheet HTML 97Page - Renesas Technology Corp M16C/26 Datasheet HTML 98Page - Renesas Technology Corp M16C/26 Datasheet HTML 99Page - Renesas Technology Corp M16C/26 Datasheet HTML 100Page - Renesas Technology Corp M16C/26 Datasheet HTML 101Page - Renesas Technology Corp M16C/26 Datasheet HTML 102Page - Renesas Technology Corp M16C/26 Datasheet HTML 103Page - Renesas Technology Corp M16C/26 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 239 page
background image
Renesas Technology Corp.
Three-Phase Motor Control Timer Function
94
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Three-Phase Motor Control Timer Function
Use of more than one built-in timer A and timer B provides the means of outputting three-phase motor
driving waveforms. This function requires that P85 become SD, making it important that P85 not be used for
general purpose I/O (GPIO). If the SD feature is not needed, then P85/SD must always be driven high.
Figure 1.14.1. Registers related to timers for three-phase motor control (1)
Three-phase PWM control register 0 (Note 4)
Symbol
Address
When reset
INVC0
034816
0016
b7 b6 b5 b4 b3 b2 b1 b0
Effective interrupt output
polarity select bit
INV00
Bit symbol
Bit name
Description
RW
INV01
Effective interrupt output
specification bit
INV02
Mode select bit
INV04
Positive and negative
phases concurrent L output
disable function enable bit
INV07
Software trigger bit
INV06
Modulation mode select
bit
INV05
Positive and negative
phases concurrent L output
detect flag
INV03
Output control bit (Note 9)
0: A timer B2 interrupt occurs when the
timer A1 reload control signal is 1 .
1: A timer B2 interrupt occurs when the
timer A1 reload control signal is 0 .
0: Not specified.
1: Selected by the INV00 bit.
0: Normal mode
1: Three-phase PWM output mode
0: Output disabled
(Note 10)
1: Output enabled
0: Feature disabled
1: Feature enabled
0: Not detected yet
1: Already detected
0: Triangular wave modulation mode
1: Sawtooth wave modulation mode
0: Ignored
1: Trigger generated
(Note 6)
(Note 7)
(Note 3)
(Note 3)
(Note 8)
(Note 5)
(Note 2)
Note 1: Set bit 1 of the protect register (address 000A16) to 1 before writing to this register.
Note 2: Set bit 1 of this register to 1 after setting timer B2 interrupt occurrences frequency set counter.
Note 3: Effective only in three-phase mode 1(Three-phase PWM control register's bit 1 = 1 ).
Note 4: Selecting three-phase PWM output mode causes the dead time timer, the U, V, W phase output control circuits,
and the timer B2 interrupt frequency set circuit works.
Note 5: No value other than 0 can be written.
Note 6: The dead time timer starts in synchronization with the falling edge of timer Ai output. The data transfer from the
three-phase buffer register to the three-phase output shift register is made only once in synchronization with the
transfer trigger signal after writing to the three-phase output buffer register.
Note 7: The dead time timer starts in synchronization with the falling edge of timer A output and with the transfer trigger
signal. The data transfer from the three-phase output buffer register to the three-phase output shift register is
made with respect to every transfer trigger.
Note 8: The value, when read, is 0 .
(Note 4)
Note 9: The INV03 bit is set to 0 in the following cases:
• When reset.
• When positive and negative go active simultaneously while INV04 bit is 1 .
• When set to 0 in a program.
• When input on the SD pin changes state from H to L . (The INV03 bit cannot be set to 1 when SD input is L .)
Note 10: When INV03 = 1 (three-phase motor control timer output enabled) P80, P81, P72, P73, P74, and P75 function
as U, U, V, V, W, and W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com