Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 97Page - Renesas Technology Corp M16C/26 Datasheet HTML 98Page - Renesas Technology Corp M16C/26 Datasheet HTML 99Page - Renesas Technology Corp M16C/26 Datasheet HTML 100Page - Renesas Technology Corp M16C/26 Datasheet HTML 101Page - Renesas Technology Corp M16C/26 Datasheet HTML 102Page - Renesas Technology Corp M16C/26 Datasheet HTML 103Page - Renesas Technology Corp M16C/26 Datasheet HTML 104Page - Renesas Technology Corp M16C/26 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 239 page
background image
Renesas Technology Corp.
Three-Phase Motor Control Timer Function
95
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Figure 1.14.2. Registers related to timers for three-phase motor control (2)
Three-phase PWM control register 1 (Note 1)
Symbol
Address
When reset
INVC1
034916
0016
b7 b6 b5 b4 b3 b2 b1 b0
Timer Ai start trigger signal
select bit
INV10
Bit symbol
Bit name
D escription
RW
INV11
Timer A1-1, A2-1, A4-1
control bit
INV12
Dead time timer count
source select bit
INV14
Output polarity control bit
(b7)
Reserved bit
INV16
Dead time timer trigger
select bit
INV15
Dead time invalid bit
INV13
Carrier wave detect flag
0: Timer B2 overflow signal
1: Timer B2 overflow signal,
signal for writing to timer B2
0: Three-phase mode 0
1: Three-phase mode 1
0 : f1 or f2
1 : f1 divided by 2, or f2 divided by 2
0: Rising edge of triangular waveform
1: Falling edge of triangular waveform
0 : Low active
1 : High active
0: Dead time valid bit
1: Dead time invalid bit
0: Triggers from corresponding timer
1: Rising edge of corresponding phase
output
This bit should be set to "0".
Note 4: When INV14="1", INV13="0" is falling edge of triangular waveform and INV13="1" is rising edge of triangular
waveform.
Note 1: Set bit 1 of the protect register (address 000A16) to 1 before writing to this register.
Note 2: INV13 is valid only in triangular waveform mode (INV06=0) and three-phase mode (INV11=1).
Note 3:Usually set to 1 .
(Note 3)
(Note 2)
(Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com