Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 21Page - Renesas Technology Corp M16C/26 Datasheet HTML 22Page - Renesas Technology Corp M16C/26 Datasheet HTML 23Page - Renesas Technology Corp M16C/26 Datasheet HTML 24Page - Renesas Technology Corp M16C/26 Datasheet HTML 25Page - Renesas Technology Corp M16C/26 Datasheet HTML 26Page - Renesas Technology Corp M16C/26 Datasheet HTML 27Page - Renesas Technology Corp M16C/26 Datasheet HTML 28Page - Renesas Technology Corp M16C/26 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 239 page
background image
Reset
19
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
2. Limitations on wait instructions with peripheral clocks turned off
If the WAIT instruction is executed when bit VC13 of the VCR1 register is equal to “1” (VCC
³
VDET4), bit VC27 of the VCR2 register is equal to “1” (VDET4 detection circuit enabled), and bit D40
of the D4INT register is equal to “1” (VDET4 detection interrupt enabled), a VDET4 detection interrupt
is immediately generated, causing the microcomputer to exit from wait mode.
In systems where the microcomputer enters wait mode when the input voltage in the VCC pin drops
under VDET4 and exits from wait mode when the input voltage goes over VDET4, ensure that the
WAIT instruction is executed when VC13 = “0” (VCC < VDET4).
VDET4 detect interrupt generation circuit
Oscillation stop
detection
interrupt signal
Watchdog timer block
This bit is cleared to 0 (not detected) by writing a 0 in a program.
D43
D41
CM02
WAIT instruction(wait mode)
D40
VC27
VCC
VREF
+
-
(Rejection wide:200 ns)
VC13
H when VC27
bit= 0 (disabled)
Noise rejection
circuit
Digital
filter
BCLK
D42
DF1, DF0
1/2
002
012
102
112
1/2
1/2
1/8
Noise
rejection
VDET4 detect
signal
Watchdog timer
overflow signal
D42 bit is cleared to 0 (not
detected) by writing a 0 in a
program. VC27 bit is cleared to
0 (VDET4 detection circuit
disabled), the D42 bit is set to
0.
VDET4 detect circuit
VDET4 detect
interrupt signal
watchdog
timer interrupt
signal
Non-maskable
interrupt signal
Output of the digital filter (Note 2)
D42 bit
Note 1 : D40 is 1 (VDET4 detect interrupt enabled)
Note 2 : Output of the digital filter shown in Figure 1.5.8.
VDET4 detect interrupt signal
(Note 1)
No VDET4 detection interrupt signals are generated
when the D42 bit is H .
sampling
Set to 0 in a
program (not
detected)
VC13 bit
VCC
sampling
sampling
sampling
Set to 0 in a
program (not
detected)
Figure 1.5.8. VDET4 detection interrupt generation block
Figure 1.5.9. VDET4 detection interrupt generation circuit operation example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com