Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 78Page - Renesas Technology Corp M16C/26 Datasheet HTML 79Page - Renesas Technology Corp M16C/26 Datasheet HTML 80Page - Renesas Technology Corp M16C/26 Datasheet HTML 81Page - Renesas Technology Corp M16C/26 Datasheet HTML 82Page - Renesas Technology Corp M16C/26 Datasheet HTML 83Page - Renesas Technology Corp M16C/26 Datasheet HTML 84Page - Renesas Technology Corp M16C/26 Datasheet HTML 85Page - Renesas Technology Corp M16C/26 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 239 page
background image
Renesas Technology Corp.
Timers
76
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Timers
There are eight 16-bit timers. These timers can be classified by function into timers A (five) and timers B
(three). All these timers function independently. Figures 1.12.1 and 1.12.2 show the block diagram of
timers.
Figure 1.12.1. Timer A block diagram
f1 or f2
• Ring oscillator
clock
• XIN
· Timer mode
· One-shot timer mode
· PWM mode
· Timer mode
· One-shot timer mode
· PWM mode
· Timer mode
· One-shot timer mode
· PWM mode
· Timer mode
· One-shot timer mode
· PWM mode
· Timer mode
· One-shot timer mode
· PWM mode
· Event counter mode
· Event counter mode
· Event counter mode
· Event counter mode
Event counter mode
TA0IN
TA1IN
TA2IN
TA3IN
TA4IN
Timer A0
Timer A1
Timer A2
Timer A3
Timer A4
f8 f32 fC32
Timer A0 interrupt
Timer A1 interrupt
Timer A2 interrupt
Timer A3 interrupt
Timer A4 interrupt
Noise
filter
Noise
filter
Noise
filter
Noise
filter
Noise
filter
1/32
fC32
1/8
1/4
f8
f32
XCIN
Clock prescaler reset flag (bit 7
at address 038116) set to "1"
Reset
Clock prescaler
Timer B2 overflow
1/2
PCLK0 bit = "0"
PCLK0 bit = "1"
f1
f2
·
f1 or f2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com