Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 45Page - Renesas Technology Corp M16C/26 Datasheet HTML 46Page - Renesas Technology Corp M16C/26 Datasheet HTML 47Page - Renesas Technology Corp M16C/26 Datasheet HTML 48Page - Renesas Technology Corp M16C/26 Datasheet HTML 49Page - Renesas Technology Corp M16C/26 Datasheet HTML 50Page - Renesas Technology Corp M16C/26 Datasheet HTML 51Page - Renesas Technology Corp M16C/26 Datasheet HTML 52Page - Renesas Technology Corp M16C/26 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 239 page
background image
Protection
43
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Renesas Technology Corp.
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Protection
The protection function is provided so that the values in important registers cannot be changed in the event
that the program runs out of control. Figure 1.8.9 shows the protect register. The values in the processor
mode register 0 (address 000416), processor mode register 1 (address 000516), system clock control reg-
ister 0 (address 000616), system clock control register 1 (address 000716), oscillation stop detection regis-
ter (address 000C16), processor mode register 2 (001E16), peripheral clock select register (address
025E16), timer B2 special mode register (039E16), port P9 direction register (address 03F316), three-phase
PWM control register 0 (address 034816) and three-phase PWM control register 1 (address 034916) can
only be changed when the respective bit in the protect register is set to “1”. Therefore, important outputs
can be allocated to port P9.
Protect register
Symbol
Address
When reset
PRCR
000A16
XXX000002
Bit name
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
0 : Write-inhibited
1 : Write-enabled
PRC1
PRC0
PRC2
Enables writing to processor mode
registers 0,1 and 2 (addresses 000
416,000516 and 001E16), timer B2
special mode register (address
039E16), three-phase PWM control
registers 0 and 1 (addresses
034816 and 034916)
Function
0 : Write-inhibited
1 : Write-enabled
Enables writing to system clock
control registers 0 and 1 (addresses
000616 and 000716
), oscillation stop
detection register (address 000C16),
peripheral clock select register
(address 025E16)
Enables writing to port P9 direction
register (address 03F316) (note)
0 : Write-inhibited
1 : Write-enabled
W
R
Nothing is assigned.
In an attempt to write to these bits, write 0 . The value, if read, turns out to be
indeterminate.
Note: Writing a value to an address after 1 is written to this bit returns the bit
to 0 . Other bits do not automatically return to 0 and they must therefore
be reset by the program.
0
Reserved bit
Must always set to "0"
PRC3
Enables writing to VCR2 (address
001A16) and D4INT (address 001F16)
0 : Write-inhibited
1 : Write-enabled
Figure 1.8.9. Protect register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com