Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 27Page - Renesas Technology Corp M16C/26 Datasheet HTML 28Page - Renesas Technology Corp M16C/26 Datasheet HTML 29Page - Renesas Technology Corp M16C/26 Datasheet HTML 30Page - Renesas Technology Corp M16C/26 Datasheet HTML 31Page - Renesas Technology Corp M16C/26 Datasheet HTML 32Page - Renesas Technology Corp M16C/26 Datasheet HTML 33Page - Renesas Technology Corp M16C/26 Datasheet HTML 34Page - Renesas Technology Corp M16C/26 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 239 page
background image
Processor Mode
25
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Processor Mode
This device functions in single-chip mode only. In single-chip mode, only internal memory space (SFR,
internal RAM, and internal ROM) can be accessed. Ports P1_5 to P1_7, P6, P7, P8, P9_0 to P9_3 and P10
can be used as programmable I/O ports or as I/O ports for the internal peripheral functions. Figure 1.7.1
shows the processor mode registers 0 and 1. Figure 1.7.2 shows the processor mode register 2.
Figure 1.7.1. Processor mode register 0 and 1
Processor mode register 0 (Note)
Symbol
Address
When reset
PM0
000416
0016
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
PM03
Software reset bit
The device is reset when this bit is set
to 1. The value of this bit is 0 when
read.
Note: Set bit 1 of the protect register (address 000A16) to 1 when writing new
values to this register.
Reserved Bit
Must always be set to "0".
Reserved Bit
Must always be set to "0".
0
0
0
0
0
0
0
Note 3: When EW entry bit (FMR01) =1, this bit is automatically set to 1 during that time.
Note 4: To access the two 2K byte data blocks in address range F80016 to FFFF16, this bit must be set to 1.
Processor mode register 1 (Note 1)
Symbol
Address
When reset
PM1
000516
000010002
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
Flash data block
access bit (Note 4)
0: Disabled
1: Enabled (Note 3)
Note 1: Set bit 1 of the protect register (address 000A16) to 1 when writing new values to this register.
Note 2: This bit can only be set to 1.
PM17
Wait bit
0 : No wait state
1 : Wait state inserted
0
.
Reserved bit
Must always be set to 0 . The
value, if read, turns out to be
indeterminate.
0 : Interrupt
1 : Reset (Note 2)
Watchdog timer function
select bit
PM12
PM10
Reserved bit
Reserved bit
Must always be set to "0".
Must always be set to "1".
Reserved bit
Must always be set to "0".
00
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com