Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 44Page - Renesas Technology Corp M16C/26 Datasheet HTML 45Page - Renesas Technology Corp M16C/26 Datasheet HTML 46Page - Renesas Technology Corp M16C/26 Datasheet HTML 47Page - Renesas Technology Corp M16C/26 Datasheet HTML 48Page - Renesas Technology Corp M16C/26 Datasheet HTML 49Page - Renesas Technology Corp M16C/26 Datasheet HTML 50Page - Renesas Technology Corp M16C/26 Datasheet HTML 51Page - Renesas Technology Corp M16C/26 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 239 page
background image
Renesas Technology Corp.
Power Control
42
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Figure 1.8.8. State transition diagram of power control mode
Transition of stop mode, wait mode
Transition of normal mode
Interrupt
Interrupt
Interrupt
CM10=1
CM10=1
CM03="1"
All oscillators stopped
Stop mode
Stop mode
All oscillators stopped
Stop mode
All oscillators stopped
Medium-speed mode
(divided-by-8 mode)
Reset
High-speed/medium-
speed mode
Low-speed/low power
dissipation mode
Wait mode
Wait mode
Wait mode
CPU operation stopped
Interrupt
WAIT
instruction
(Note 1)
Interrupt
WAIT
instruction
Interrupt
WAIT
instruction
Normal mode
(Refer to the following for the transition of normal mode.)
When
low-speed
mode
r
When
low powe
dissipation
mode
Medium-speed mode
(divided-by-8 mode)
Main clock is oscillating
Sub clock is stopped
High-speed mode
Medium-speed mode
(divided-by-2 mode)
BCLK : f(XIN)/8
CM07 = 0 CM06 = 1
High-speed mode
BCLK : f(XIN)/2
CM07 = 0 CM06 = 0
CM17 = 0 CM16 = 1
Medium-speed mode
(divided-by-2 mode)
BCLK : f(XIN)/16
CM07 = 0 CM06 = 0
CM17 = 1 CM16 = 1
Medium-speed mode
(divided-by-16 mode)
BCLK : f(XIN)/4
CM07 = 0 CM06 = 0
CM17 = 1 CM16 = 0
Medium-speed mode
(divided-by-4 mode)
BCLK : f(XIN)
CM07 = 0
0
CM17 = 0 CM16 = 0
Medium-speed mode
(divided-by-8 mode)
BCLK : f(XIN)/8
CM07 = 0
CM06 = 1
BCLK : f(XIN)/16
CM07 = 0 CM06 = 0
CM17 = 1 CM16 = 1
BCLK : f(XIN)/4
CM07 = 0 CM06 = 0
CM17 = 1 CM16 = 0
Medium-speed mode
(divided-by-16 mode)
Medium-speed mode
(divided-by-4 mode)
BCLK : f(XIN)/2
CM07 = 0 CM06 = 0
CM17 = 0 CM16 = 1
BCLK : f(XIN)
CM07 = 0 CM06 = 0
CM17 = 0 CM16 = 0
BCLK : f(XCIN)
CM07 = 1 , CM06 = 1
CM15 = 1
BCLK : f(XCIN)
CM07 = 1
CM07 = 0
(Note 3, 5)
CM07 = 0 (Note 3)
CM06 = 1
CM04 = 0
CM07 = 1
(Note 4)
CM07 = 0 (Note 3)
CM06 = 0 (Note 5)
CM04 = 1
CM07 = 1 (Note 4)
CM05 = 1
CM05 = 0
CM05 = 1
Main clock is oscillating
Sub clock is stopped
CM04 = 0
CM04 = 1
CM06 = 0
(Notes 3, 5)
CM06 = 1
CM04 = 0
CM04 = 1
(Notes 3, 5)
Note 3: Switch clock after oscillation of main clock is sufficiently stable.
Note 4: Switch clock after oscillation of sub clock is sufficiently stable.
Note 5: Change CM06 after changing CM17 and CM16.
Low-speed mode
Main clock is oscillating
Sub clock is oscillating
Main clock is stopped
Sub clock is oscillating
Low power
dissipation mode
Main clock is oscillating
Sub clock is oscillating
CM10=1
CM06 =
Stop mode
Ring oscillator, Ring oscillator
dissipation mode
Interrupt
(Note 2)
CM10=1
Wait mode
Interrupt
WAIT
instruction
(Note 1)
Note 1: When bit PM21 = "0" (system clock protective function unused).
Note 2: The ring oscillator clock divided by 8 provides BCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com