Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 22Page - Renesas Technology Corp M16C/26 Datasheet HTML 23Page - Renesas Technology Corp M16C/26 Datasheet HTML 24Page - Renesas Technology Corp M16C/26 Datasheet HTML 25Page - Renesas Technology Corp M16C/26 Datasheet HTML 26Page - Renesas Technology Corp M16C/26 Datasheet HTML 27Page - Renesas Technology Corp M16C/26 Datasheet HTML 28Page - Renesas Technology Corp M16C/26 Datasheet HTML 29Page - Renesas Technology Corp M16C/26 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 239 page
background image
Renesas Technology Corp.
Special Function Registers
20
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Figure 1.6.1. Location of peripheral unit control registers (1)
Special Function Registers
Figures 1.6.1 through 1.6.5 display special function register (SFR) names, addresses, acronyms, and
reset values.
WDC
WDTS
CM2
PRCR
AIER
CM1
CM0
PM1
PM0
D4INT
PM2
VCR2
VCR1
RMAD1
RMAD0
DM1CON
TCR1
DAR1
SAR1
DM0CON
TCR0
DAR0
SAR0
Acronym
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
1
0
0
1
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
?
?
?
?
?
?
0
0
003F
16
003E
16
003D
16
003C
16
003B
16
003A
16
0039
16
0038
16
0037
16
0036
16
0035
16
0034
16
0033
16
0032
16
0031
16
0030
16
002F
16
002E
16
002D
16
002C
16
002B
16
002A
16
0029
16
0028
16
0027
16
0026
16
0025
16
0024
16
0023
16
0022
16
0021
16
0020
16
0
0
?
0
?
?
Value indeterminate at reset
0
reset value is zero
1
reset value is one
1
reserved bit, must write to one
0
reserved bit, must write to zero
00
16
00
16
0
0
0
0
00
16
00
16
0
0
0
0
0
0
0
0
0
?
?
?
?
?
?
?
?
?
?
?
?
?
?
Reserved address, do not write
0
0
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
Address
Value after Reset
Nothing is mapped to this bit
(value is indeterminate when read)
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
001F
16
001E
16
001D
16
001C
16
001B
16
001A
16
0019
16
0018
16
0017
16
0016
16
0015
16
0014
16
0013
16
0012
16
0011
16
0010
16
000F
16
000E
16
000D
16
000C
16
000B
16
000A
16
0009
16
0008
16
0007
16
0006
16
0005
16
0004
16
0003
16
0002
16
0001
16
0000
16
Watchdog timer control register
Watchdog timer start register
Oscillation stop detection register
Protect register
Address match interrupt enable register
System clock control register 1
System clock control register 0
Processor mode register 1
Processor mode register 0
Power supply 4 V detection register
Processor mode register 2
Power supply detection register 2
Power supply detection register 1
Address match interrupt register 1 (high)
Address match interrupt register 1 (mid)
Address match interrupt register 1 (low)
Address match interrupt register 0 (high)
Address match interrupt register 0 (mid)
Address match interrupt register 0 (low)
DMA1 control register
DMA1 transfer counter (high)
DMA1 transfer counter (low)
DMA1 destination pointer (high)
DMA1 destination pointer (mid)
DMA1 destination pointer (low)
DMA1 source pointer (high)
DMA1 source pointer (mid)
DMA1 source pointer (low)
DMA0 control register
DMA0 transfer counter (high)
DMA0 transfer counter (low)
DMA0 destination pointer (high)
DMA0 destination pointer (mid)
DMA0 destination pointer (low)
DMA0 source pointer (high)
DMA0 source pointer (mid)
DMA0 source pointer (low)
Register Name
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com