Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 116Page - Renesas Technology Corp M16C/26 Datasheet HTML 117Page - Renesas Technology Corp M16C/26 Datasheet HTML 118Page - Renesas Technology Corp M16C/26 Datasheet HTML 119Page - Renesas Technology Corp M16C/26 Datasheet HTML 120Page - Renesas Technology Corp M16C/26 Datasheet HTML 121Page - Renesas Technology Corp M16C/26 Datasheet HTML 122Page - Renesas Technology Corp M16C/26 Datasheet HTML 123Page - Renesas Technology Corp M16C/26 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 239 page
background image
Renesas Technology Corp.
Serial I/O
114
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Figure 1.15.6. Serial I/O-related registers (3)
UART2 transmit/receive mode register
Symbol
Address
When reset
U2MR
0378 16
0016
b7
b6
b5
b4
b3
b2
b1
b0
Bit name
Bit
symbol
W
R
CKDIR
SMD1
SMD0
Serial I/O mode select bit
SMD2
Internal/external clock
select bit
STPS
PRY
PRYE
IOPOL
Parity enable bit
0 : Internal clock
1 : External clock (Note 1)
Stop bit length select bit
Odd/even parity select bit
TxD, RxD I/O polarity
reverse bit
0 : One stop bit
1 : Two stop bits
0 : Parity disabled
1 : Parity enabled
0 : No reverse
1 : Reverse
Usually set to 0
0 0 0 : Serial I/O invalid
0 0 1 : Serial I/O
0 1 0 : I2C mode
0 1 1 :
:
Must not be set
1 1 1 :
b2 b1 b0
0 0 0 : Serial I/O invalid
1 0 0 : Transfer data 7 bits long
1 0 1 : Transfer data 8 bits long
1 1 0 : Transfer data 9 bits long
Except the above : Must not be set
b2 b1 b0
Invalid
Valid when bit 6 = 1
0 : Odd parity
1 : Even parity
Invalid
Invalid
0 : No reverse
1 : Reverse
Usually set to 0
Function
(During UART mode)
Function
(During clock synchronous
serial I/O mode)
0 : Internal clock
1 : External clock (Note 1)
UART2 transmit/receive control register 0
Symbol
Address
When reset
U2C0
037C 16
0816
b7
b6
b5
b4
b3
b2
b1
b0
Function
(During UART mode)
W
R
Function
(During clock synchronous
serial I/O mode)
TXEPT
CLK1
CLK0
CRS
CRD
CKPOL
BRG count source
select bit
Transmit register empty
flag
0 : Transmit data is output at
falling edge of transfer clock
and receive data is input at
rising edge
1 : Transmit data is output at
rising edge of transfer clock
and receive data is input at
falling edge
CLK polarity select bit
CTS/RTS function
select bit
CTS/RTS disable bit
0 0 : f1SIO or f2SIO is selected
(Note 2)
0 1 : f8SIO is selected
1 0 : f32SIO is selected
1 1 : Must not be set.
b1 b0
0 : LSB first
1 : MSB first
0 : Data present in transmit
register (during transmission)
1 : No data present in transmit
register (transmission
completed)
)
0 : CTS/RTS function enabled
1 : CTS/RTS function disabled
(P60, P64 and P73 function
as programmable I/O port
UFORM Transfer format select bit
(Note 4)
0 0 : f1SIO or f2SIO is selected
(Note 2)
0 1 : f8SIO is selected
1 0 : f32SIO is selected
1 1 : Must not be set.
b1 b0
Valid when bit 4 = "0"
0 : CTS function is selected (Note 1)
1 : RTS function is selected (Note 3)
Valid when bit 4 = "0"
0 : CTS function is selected (Note 1)
1 : RTS function is selected (Note 3)
0 : Data present in transmit register
(during transmission)
1 : No data present in transmit
register (transmission completed)
Must always be "0"
Bit name
Bit
symbol
Note 1: Set the corresponding port direction register to "0".
Note 3: The settings of the corresponding port register and port direction register are invalid.
Note 4: Only clock synchronous serial I/O mode and 8-bit UART mode are valid.
0 : CTS/RTS function enabled
1 : CTS/RTS function disabled
(P60, P64 and P73 function
as programmable I/O port)
0 : LSB first
1 : MSB first
Nothing is assigned.
In an attempt to write to this bit, write “0”. The value, if read, turns out to be “0”.
Note 2: Periperal clock select register bit PCLK1 is used to select between f1SIO and f2SIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com